전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DP83907 데이터시트(PDF) 57 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 DP83907
상세설명  AT/LANTIC??II
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83907 데이터시트(HTML) 57 Page - National Semiconductor (TI)

Back Button DP83907 Datasheet HTML 53Page - National Semiconductor (TI) DP83907 Datasheet HTML 54Page - National Semiconductor (TI) DP83907 Datasheet HTML 55Page - National Semiconductor (TI) DP83907 Datasheet HTML 56Page - National Semiconductor (TI) DP83907 Datasheet HTML 57Page - National Semiconductor (TI) DP83907 Datasheet HTML 58Page - National Semiconductor (TI) DP83907 Datasheet HTML 59Page - National Semiconductor (TI) DP83907 Datasheet HTML 60Page - National Semiconductor (TI) DP83907 Datasheet HTML 61Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 70 page
background image
60 Operation of DP83907 (Continued)
Boot PROM Write Bus Timing
TLF12082 – 41
This is the type of cycle used to write to the boot PROM These accesses are entirely asynchronous with the DP83907
responding when it decodes the correct address on SA0-19 and a SMWR If AEN is high the cycle will be ignored CHRDY is
deasserted if the DP83907 is not ready to respond and asserted when ready If it is ready immediately CHRDY is not deasserted
The data will normally be taken from SD0-7 However if M16 is generated and the access is to an odd address the data will be
taken from SD8-15 The data will always be driven onto MSD0-7 The BPWR bit of Configuration Register B must be high to
allow write cycles to the boot PROM
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70