| 전자부품 데이터시트 검색엔진 |
|
CP3SP33SMS/NOPB 데이터시트(PDF) 104 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CP3SP33SMS/NOPB 데이터시트(HTML) 104 Page - Texas Instruments |
|
104 / 407 page ![]() Wake-Up Signal WKRPND1/WKRPND2 WKFPND1/WKFPND2 WKCLR1/WKCLR2 WKRIEN1/WKRIEN2 WKFIEN1/WKFIEN2 WUI0 WUI31 0 31 MIWU Interrupt 3:0 WKISTAT3:0 4 DS330 De- code De- code WKICTL1/WKICTL2 WUI32 WUI63 32 63 MIWU Interrupt 7:4 WKISTAT7:4 4 De- code De- code WKICTL3/WKICTL4 Rising Edge Falling Edge Interrupt WKREN1/WKREN2 0 63 WKFEN1/WKFEN2 0 63 Rising Edge Wake Up Falling Edge Wake Up CP3SP33 SNOSCW5 – MAY 2013 www.ti.com Figure 17-1. Multi-Input Wake-Up Module Block Diagram Table 17-1 lists the sources connected to the MIWU inputs. A source which is a GPIO port pin cannot be used unless it is enabled for use as an input, either by enabling an alternate function in which the pin is used as an input or by setting its corresponding bit in a PxIEN register. If this is not done, the input logic for the pin is disabled. Table 17-1. MIWU Sources MIWU CHANNEL SOURCE MIWU CHANNEL SOURCE WUI0 PE0 WUI32 PF0 WUI1 PE1 WUI33 PF1 WUI2 PE2 WUI34 PF2 WUI3 PE3 WUI35 PF3 WUI4 PE4 WUI36 PF4 WUI5 PE5 WUI37 PF5 WUI6 PE6 WUI38 PF6 104 Multi-Input Wake-Up Copyright © 2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links :CP3SP33 |