| 전자부품 데이터시트 검색엔진 |
|
TMS320DM641 데이터시트(PDF) 59 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM641 데이터시트(HTML) 59 Page - Texas Instruments |
|
59 / 171 page ![]() Pin Assignments 59 June 2003 − Revised August 2004 SPRS222C Table 1−6. Terminal Functions (Continued) SIGNAL DESCRIPTION IPD/ IPU‡ TYPE† NAME DESCRIPTION IPD/ IPU‡ TYPE† DM640 DM641 GROUND PINS A1 A1 A3 A3 A6 A6 A8 A8 A12 A12 A14 A14 A19 A19 A22 A22 A26 A26 B3 B3 B6 B6 B7 B7 B13 B13 B19 B19 C2 C2 C4 C4 VSS C13 C13 GND Ground pins VSS C18 C18 GND Ground pins C23 C23 D1 D1 D2 D2 D5 D5 D13 D13 D18 D18 D22 D22 D24 D24 E3 E3 E6 E6 E9 E9 E16 E16 E18 E18 E21 E21 E23 E23 E26 E26 † I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground ‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite supply rail, a 1-k Ω resistor should be used.) |