전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMS320DM641 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 TMS320DM641
상세설명  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 4Page - Texas Instruments TMS320DM641 Datasheet HTML 5Page - Texas Instruments TMS320DM641 Datasheet HTML 6Page - Texas Instruments TMS320DM641 Datasheet HTML 7Page - Texas Instruments TMS320DM641 Datasheet HTML 8Page - Texas Instruments TMS320DM641 Datasheet HTML 9Page - Texas Instruments TMS320DM641 Datasheet HTML 10Page - Texas Instruments TMS320DM641 Datasheet HTML 11Page - Texas Instruments TMS320DM641 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 171 page
background image
Figures
8
June 2003 − Revised August 2004
SPRS222C
List of Figures
Figure
Page
1−1
Functional Block Diagram
21
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1−2
TMS320C64x CPU (DSP Core) Data Paths
24
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1−3
TMS320DM641/DM640 L2 Architecture Memory Configuration
30
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1−4
DM641/DM640 Pin Map [Quadrant A]
32
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1−5
CPU and Peripheral Signals
36
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1−6
Peripheral Signals
37
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1−7
TMS320DM64x DSP Device Nomenclature (Including the DM641 and DM640 Devices)
66
. . . . . . . . . .
2−1
Peripheral Configuration Register (PERCFG) [Address Location: 0x01B3F000 − 0x01B3F003]
70
. . . .
2−2
VP1, VP0, McBSP1, and McBSP0 Pin Muxing
71
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2−3
Peripheral Enable/Disable Flow Diagram
72
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2−4
PCFGLOCK Register Diagram [Address Location: 0x01B3 F018] − Read/Write Accesses
73
. . . . . . . .
2−5
Device Status Register (DEVSTAT) Description − 0x01B3 F004
74
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2−6
Configuration Example A for DM641 (2 8-Bit Video Ports + 1 McASP0 + VIC + I2C0 + EMIF)
78
. . . . .
2−7
Configuration Example B for DM641 (1 McASP0 + 2 McBSPs + VIC + I2C0 + EMIF)
79
. . . . . . . . . . . . .
2−8
Configuration Example A for DM640 (1 8-Bit Video Port + 1 McASP0 + VIC + I2C0 + EMIF)
80
. . . . . .
2−9
Configuration Example B for DM640 (1 McASP0 + 2 McBSPs + VIC + I2C0 + EMIF)
81
. . . . . . . . . . . . .
4−1
Test Load Circuit for AC Timing Measurements
84
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−2
Input and Output Voltage Reference Levels for AC Timing Measurements
84
. . . . . . . . . . . . . . . . . . . . . .
4−3
Rise and Fall Transition Time Voltage Reference Levels
84
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−4
Board-Level Input/Output Timings
85
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−5
Schottky Diode Diagram
86
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−6
Power-Down Mode Logic
87
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−7
PWRD Field of the CSR Register
88
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−8
External/NMI Interrupt Timing
95
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−9
Reset Timing
98
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−10
External PLL Circuitry for Either PLL Multiply Modes or x1 (Bypass) Mode
100
. . . . . . . . . . . . . . . . . . . . .
4−11
CLKIN Timing
102
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−12
CLKOUT4 Timing
102
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−13
CLKOUT6 Timing
103
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−14
AECLKIN Timing for EMIFA
103
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−15
AECLKOUT1 Timing for the EMIFA Module
104
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−16
AECLKOUT2 Timing for the EMIFA Module
104
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−17
Asynchronous Memory Read Timing for EMIFA
107
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−18
Asynchronous Memory Write Timing for EMIFA
108
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−19
Programmable Synchronous Interface Read Timing for EMIFA (With Read Latency = 2)
110
. . . . . . . . .
4−20
Programmable Synchronous Interface Write Timing for EMIFA (With Write Latency = 0)
111
. . . . . . . . .
4−21
Programmable Synchronous Interface Write Timing for EMIFA (With Write Latency = 1)
112
. . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More