전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP8026 데이터시트(PDF) 44 Page - Microchip Technology

부품명 MCP8026
상세설명  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8026 데이터시트(HTML) 44 Page - Microchip Technology

Back Button MCP8026 Datasheet HTML 40Page - Microchip Technology MCP8026 Datasheet HTML 41Page - Microchip Technology MCP8026 Datasheet HTML 42Page - Microchip Technology MCP8026 Datasheet HTML 43Page - Microchip Technology MCP8026 Datasheet HTML 44Page - Microchip Technology MCP8026 Datasheet HTML 45Page - Microchip Technology MCP8026 Datasheet HTML 46Page - Microchip Technology MCP8026 Datasheet HTML 47Page - Microchip Technology MCP8026 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
MCP8025/6
DS20005339B-page 44
 2016 Microchip Technology Inc.
4.6
Register Definitions
REGISTER 4-1:
CFG0: CONFIGURATION REGISTER 0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
PU30K
SLEEP
NEUSIM
EXTUVLO
EXTSC
EXTOC1
EXTOC0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented:
Read as ‘0’
bit 6
PU30K:
30K LIN/Level Translator Pull Up (1)
1
= Disable disconnect of 30K Pull Up when CE = 0.
0
= Enable disconnect of 30K Pull Up when CE = 0.
bit 5
SLEEP:
Sleep Mode bit
1
= System enters Sleep Mode when CE = 0. Disconnect of 30K LIN/Level Translator Pull Up always
enabled.
0
= System enters Standby Mode when CE = 0.
bit 4
NEUSIM:
Neutral Simulator (MCP8025)
1
= Enable Internal Neutral Simulator
0
= Disable Internal Neutral Simulator
bit 3
EXTUVLO:
External MOSFET Undervoltage Lockout
1
=Disable
0
= Enable
bit 2
EXTSC:
External MOSFET Short-Circuit Detection
1
=Disable
0
= Enable
bit 1-0
EXTOC<1:0>:
External MOSFET Overcurrent Limit Value
00
= Overcurrent limit set to 0.250V
01
= Overcurrent limit set to 0.500V
10
= Overcurrent limit set to 0.750V
11
= Overcurrent limit set to 1.000V
Note 1:
Bit may only be changed while in Standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com