전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP8026 데이터시트(PDF) 11 Page - Microchip Technology

부품명 MCP8026
상세설명  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8026 데이터시트(HTML) 11 Page - Microchip Technology

Back Button MCP8026 Datasheet HTML 7Page - Microchip Technology MCP8026 Datasheet HTML 8Page - Microchip Technology MCP8026 Datasheet HTML 9Page - Microchip Technology MCP8026 Datasheet HTML 10Page - Microchip Technology MCP8026 Datasheet HTML 11Page - Microchip Technology MCP8026 Datasheet HTML 12Page - Microchip Technology MCP8026 Datasheet HTML 13Page - Microchip Technology MCP8026 Datasheet HTML 14Page - Microchip Technology MCP8026 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
 2016 Microchip Technology Inc.
DS20005339B-page 11
MCP8025/6
5V LDO Undervoltage Fault
Hysteresis
UVLO5VLDO_HYS
—0.5
—
V
Input Undervoltage Lockout –
Start-Up
UVLOSTRT
—
6.0
6.25
V
VDD rising
Input Undervoltage Lockout –
Shutdown
UVLOSTOP
5.1
5.5
—
V
VDD falling
Input Undervoltage Lockout
Hysteresis
UVLOHYS
0.20
0.45
0.70
V
Input Overvoltage Lockout –
Driver Disabled (MCP8025)
DOVLOSTOP
—
20.0
20.5
V
VDD rising
Input Overvoltage Lockout –
Driver Enabled (MCP8025)
DOVLOSTRT
18.75
19.5
—
V
VDD falling
Input Overvoltage Lockout
Hysteresis (MCP8025)
DOVLOHYS
0.15
0.5
0.75
V
Input Overvoltage Lockout
– All Functions Disabled
AOVLOSTOP
—
32.0
33.0
V
VDD rising
Input Overvoltage Lockout
– All Functions Enabled
AOVLOSTRT
29.0
30.0
—
V
VDD falling
Input Overvoltage Lockout
Hysteresis
AOVLOHYS
1.0
2.0
3.0
V
Temperature Supervisor
Thermal Warning Temperature
TWARN
—72
—
%TSD Rising temperature (115°C)
Thermal Warning Hysteresis
TWARN
—
15
—
°C
Falling temperature
Thermal Shutdown Temperature
TSD
160
170
—
°C
Rising temperature
Thermal Shutdown Hysteresis
TSD
—
25
—
°C
Falling temperature
MOTOR CONTROL UNIT
Output Drivers
PWMH/L Input Pull Down
RPULLDN
—47
—
k
Output Driver Source Current
ISOURCE
0.3
—
—
A
VDD = 12V, HS[A:C], LS[A:C]
Output Driver Sink Current
ISINK
0.3
—
—
A
VDD = 12V, HS[A:C], LS[A:C]
Output Driver Source
Resistance
RDSON
—17
—
IOUT =10mA, VDD =12V
HS[A:C], LS[A:C]
Output Driver Sink
Resistance
RDSON
—17
—
IOUT =10mA, VDD =12V
HS[A:C], LS[A:C]
Output Driver Blanking
tBLANK
500
—
4000
ns
Configurable
Output Driver UVLO Threshold
DUVLO
7.2
8.0
—
V
Config Register 0 bit 3 = 0
Output Driver UVLO Minimum
Duration
tDUVLO
tBLANK
+700
—tBLANK
+ 1400
ns
Fault latched after tDUVLO
Output Driver HS Drive
Voltage
VHS
8.0
12
13.5
V
With respect to the phase pin
-5.5
—
—
With respect to ground
Output Driver LS Drive Voltage
VLS
8.0
12
13.5
V
With respect to ground
Output Driver Bootstrap
Voltage
VBOOTSTRAP
—
—
—
V
With respect to ground
—
—
44
Continuous
—
—
48
< 100 ms
AC/DC CHARACTERISTICS (CONTINUED)
Electrical Specifications:
Unless otherwise noted, TJ = -40°C to +150°C, typical values are for +25°C, VDD =13V.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Note 1:
1000 hour cumulative maximum for ROM data retention (typical).
2:
Limits are by design, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com