전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP8026 데이터시트(PDF) 57 Page - Microchip Technology

부품명 MCP8026
상세설명  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8026 데이터시트(HTML) 57 Page - Microchip Technology

Back Button MCP8026 Datasheet HTML 53Page - Microchip Technology MCP8026 Datasheet HTML 54Page - Microchip Technology MCP8026 Datasheet HTML 55Page - Microchip Technology MCP8026 Datasheet HTML 56Page - Microchip Technology MCP8026 Datasheet HTML 57Page - Microchip Technology MCP8026 Datasheet HTML 58Page - Microchip Technology MCP8026 Datasheet HTML 59Page - Microchip Technology MCP8026 Datasheet HTML 60Page - Microchip Technology MCP8026 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 64 page
background image
 2016 Microchip Technology Inc.
DS20005339B-page 57
MCP8025/6
RECOMMENDED LAND PATTERN
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
SILK SCREEN
Dimension Limits
Units
C1
Optional Center Pad Width
Contact Pad Spacing
Optional Center Pad Length
Contact Pitch
Y2
X2
3.80
3.80
MILLIMETERS
0.40 BSC
MIN
E
MAX
5.00
Contact Pad Length (X40)
Contact Pad Width (X40)
Y1
X1
0.80
0.20
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1. Dimensioning and tolerancing per ASME Y14.5M
Microchip Technology Drawing C04-2047-002A
NOM
40-Lead Plastic Quad Flat, No Lead Package (MP) - 5x5 mm Body [QFN]
With 3.7x3.7 mm Exposed Pad
E
C1
C2
Y2
X2
Y1
X1
C2
Contact Pad Spacing
5.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64