전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP8026 데이터시트(PDF) 45 Page - Microchip Technology

부품명 MCP8026
상세설명  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8026 데이터시트(HTML) 45 Page - Microchip Technology

Back Button MCP8026 Datasheet HTML 41Page - Microchip Technology MCP8026 Datasheet HTML 42Page - Microchip Technology MCP8026 Datasheet HTML 43Page - Microchip Technology MCP8026 Datasheet HTML 44Page - Microchip Technology MCP8026 Datasheet HTML 45Page - Microchip Technology MCP8026 Datasheet HTML 46Page - Microchip Technology MCP8026 Datasheet HTML 47Page - Microchip Technology MCP8026 Datasheet HTML 48Page - Microchip Technology MCP8026 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
 2016 Microchip Technology Inc.
DS20005339B-page 45
MCP8025/6
REGISTER 4-2:
CFG1: CONFIGURATION REGISTER 1
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
DACREF7
DACREF6
DACREF5
DACREF4
DACREF3
DACREF2
DACREF1
DACREF0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
DACREF<7:0>:
DAC Current Reference Value
(4.503V – 0.991V)/255 = 13.77 mV/bit
00H = 0.991V
40H = 1.872V (40H x 0.1377 mV/bit + 0.991V)
FFH = 4.503V (FFH x 0.1377 mV/bit + 0.991V)
REGISTER 4-3:
CFG2: CONFIGURATION REGISTER 2
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
—
DRVDT2
DRVDT1
DRVDT0
DRVBL1
DRVBL0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
Unimplemented:
Read as ‘0’
bit 4-2
DRVDT<2:0>:
Driver Dead Time Selection bits
000
= 2000 ns
001
= 1750 ns
010
= 1500 ns
011
= 1250 ns
100
= 1000 ns
101
= 750 ns
110
= 500 ns
111
= 250 ns
bit 1-0
DRVB<1:0>:
Driver Blanking Time Selection bits
00
= 4000 ns
01
= 2000 ns
10
= 1000 ns
11
= 500 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com