전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PM5347 데이터시트(PDF) 77 Page - PMC-Sierra, Inc

부품명 PM5347
상세설명  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PMC [PMC-Sierra, Inc]
홈페이지  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 데이터시트(HTML) 77 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 73Page - PMC-Sierra, Inc PM5347 Datasheet HTML 74Page - PMC-Sierra, Inc PM5347 Datasheet HTML 75Page - PMC-Sierra, Inc PM5347 Datasheet HTML 76Page - PMC-Sierra, Inc PM5347 Datasheet HTML 77Page - PMC-Sierra, Inc PM5347 Datasheet HTML 78Page - PMC-Sierra, Inc PM5347 Datasheet HTML 79Page - PMC-Sierra, Inc PM5347 Datasheet HTML 80Page - PMC-Sierra, Inc PM5347 Datasheet HTML 81Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
61
Figure 7
- STS-3c Default Transport Overhead Values
J0
(0x01)
Z0
(0x02)
Z0
(0x03)
A2
(0x28)
A2
(0x28)
A2
(0x28)
A1
(0xF6)
F1
(0x00) (0x00) (0x00)
E1
(0x00) (0x00) (0x00)
B1
(*)
(0x00) (0x00)
D3
(0x00) (0x00) (0x00)
D2
(0x00) (0x00) (0x00)
D1
(0x00) (0x00) (0x00)
H3
(0x00)
H3
(0x00)
H3
(0x00)
H2
(0x0A)
H2
(0xFF)
H2
(0xFF)
H1
(0x62)
H1
(0x93)
H1
(0x93)
K2
(0x00) (0x00) (0x00)
K1
(0x00) (0x00) (0x00)
B2
(*)
B2
(*)
B2
(*)
D6
(0x00) (0x00) (0x00)
D5
(0x00) (0x00) (0x00)
D4
(0x00) (0x00) (0x00)
D9
(0x00) (0x00) (0x00)
D8
(0x00) (0x00) (0x00)
D7
(0x00) (0x00) (0x00)
D12
(0x00) (0x00) (0x00)
D11
(0x00) (0x00) (0x00)
D10
(0x00) (0x00) (0x00)
E2
(0x00) (0x00) (0x00)
Z2
(0x00)
Z2
(0x00)
M1
(*)
S1
(0x00)
Z1
(0x00)
Z1
(0x00)
* : B1, B2 values depend on payload contents
M1 value depends on incoming line bit errors
A1
(0xF6)
A1
(0xF6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More