| 전자부품 데이터시트 검색엔진 |
|
STM32L081CB 데이터시트(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L081CB 데이터시트(HTML) 37 Page - STMicroelectronics |
|
37 / 110 page ![]() DocID027513 Rev 4 37/110 STM32L081xx Pin descriptions 40 - - 26 PB13 I/O FTf - SPI2_SCK/I2S2_CK, MCO, LPUART1_CTS, I2C2_SCL, TIM21_CH1 - - - 27 PB14 I/O FTf - SPI2_MISO/I2S2_MCK, RTC_OUT, LPUART1_RTS_DE, I2C2_SDA, TIM21_CH2 - - - 28 PB15 I/O FT - SPI2_MOSI/I2S2_SD, RTC_REFIN - 18 18 29 PA8 I/O FTf - MCO, EVENTOUT, USART1_CK, I2C3_SCL - 19 19 30 PA9 I/O FTf - MCO, USART1_TX, I2C1_SCL, I2C3_SMBA - 20 20 31 PA10 I/O FTf - USART1_RX, I2C1_SDA - 21 21 32 PA11 I/O FT - SPI1_MISO, EVENTOUT, USART1_CTS, COMP1_OUT - 22 22 33 PA12 I/O FT - SPI1_MOSI, EVENTOUT, USART1_RTS_DE, COMP2_OUT - 23 23 34 PA13 I/O FT - SWDIO, LPUART1_RX - - - 35 VSS S - - - - - 24 36 VDDIO2 S - - - - 24 25 37 PA14 I/O FT - SWCLK, USART2_TX, LPUART1_TX - 25 - 38 PA15 I/O FT - SPI1_NSS, TIM2_ETR, EVENTOUT, USART2_RX, TIM2_CH1, USART4_RTS_DE - Table 14. STM32L081xxx pin definition (continued) Pin number Pin name (function after reset) Note Alternate functions Additional functions |