전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PL138-48OI-R 데이터시트(PDF) 7 Page - Microchip Technology

부품명 PL138-48OI-R
상세설명  2.5V to 3.3V, Low-Skew, 1:4 Differential PECL Fanout Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL138-48OI-R 데이터시트(HTML) 7 Page - Microchip Technology

Back Button PL138-48OI-R Datasheet HTML 3Page - Microchip Technology PL138-48OI-R Datasheet HTML 4Page - Microchip Technology PL138-48OI-R Datasheet HTML 5Page - Microchip Technology PL138-48OI-R Datasheet HTML 6Page - Microchip Technology PL138-48OI-R Datasheet HTML 7Page - Microchip Technology PL138-48OI-R Datasheet HTML 8Page - Microchip Technology PL138-48OI-R Datasheet HTML 9Page - Microchip Technology PL138-48OI-R Datasheet HTML 10Page - Microchip Technology PL138-48OI-R Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
 2016 Microchip Technology Inc.
DS20005543B-page 7
PL138-48
—
6
CLK-IN1
I
True part of differential clock input signal. 75 kΩ internal
pull-down resistor.
—
7
CLK-IN1B
I
Complementary part of differential clock input signal.
100 kΩ internal pull-up and pull-down resistors.
1, 5
8, 9
DNC
—
Do Not Connect.
8, 13
10, 13, 18
VCC
P
Power supply pin connection.
6, 9, 11 ,14
11, 14, 16, 19
QB0 ~ QB3
O
LVPECL Complementary output.
7, 10, 12, 15
12, 15, 17, 20
Q0 ~ Q3
O
LVPECL True output.
TABLE 2-1:
PIN FUNCTION TABLE (CONTINUED)
Pin Number
QFN-16
Pin Number
TSSOP-20
Pin Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20