전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PL138-48OI-R 데이터시트(PDF) 11 Page - Microchip Technology

부품명 PL138-48OI-R
상세설명  2.5V to 3.3V, Low-Skew, 1:4 Differential PECL Fanout Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL138-48OI-R 데이터시트(HTML) 11 Page - Microchip Technology

Back Button PL138-48OI-R Datasheet HTML 7Page - Microchip Technology PL138-48OI-R Datasheet HTML 8Page - Microchip Technology PL138-48OI-R Datasheet HTML 9Page - Microchip Technology PL138-48OI-R Datasheet HTML 10Page - Microchip Technology PL138-48OI-R Datasheet HTML 11Page - Microchip Technology PL138-48OI-R Datasheet HTML 12Page - Microchip Technology PL138-48OI-R Datasheet HTML 13Page - Microchip Technology PL138-48OI-R Datasheet HTML 14Page - Microchip Technology PL138-48OI-R Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
 2016 Microchip Technology Inc.
DS20005543B-page 11
PL138-48
FIGURE 5-8:
CLK-IN Input Driven by a
Single-Ended LVPECL.
FIGURE 5-9:
CLK-IN Input Driven by an
HCSL Driver.
HCSL presents its signals very close to the ground rail,
below the VCMR range, so the HCSL signals cannot be
connected to the PL138 input directly. AC-coupling is
required for HCSL signals on the PL138 input.
FIGURE 5-10:
Input Logic Block Diagram.
5.2
Termination for LVPECL Outputs
The required termination for LVPECL is 50Ω to a
VCC-2V DC voltage level. Below are two schematics to
implement this termination.
FIGURE 5-11:
LVPECL Termination
Schematic #1.
•VCC = 3.3V
- Ideal values: R1 = 127Ω, R2 = 82.5Ω
- Commercial values (E24): R1 = 130Ω,
R2 = 82Ω
•VCC = 2.5V
- Ideal values: R1 = 250Ω, R2 = 62.5Ω
- Commercial values (E24): R1 = 240Ω,
R2 = 62Ω
TABLE 5-1:
INPUT PIN
CHARACTERISTICS
Input
Parameter Min. Typ. Max. Units
CLK-IN0,
CLK-IN1
Pull-Down
Resistor
—75
—
kΩ
CLK-IN0B,
CLK_IN1B
Pull-Up &
Pull-Down
Resistors
—100
—
CLK-EN
Pull-Up
Resistor
—50
—
CLKSEL
Pull-Down
Resistor
—50
—
TABLE 5-2:
INPUT CLOCK CONTROL
SELECTION
CLK_SEL
Selected Source
0CLK-IN0
1CLK-IN1
TABLE 5-3:
INPUT CLOCK FUNCTION
Inputs
Outputs
CLK-EN CLKSEL Source
Q0:Q3
Q0B:Q3B
0
0
CLK-IN0 Disabled
Low
Disabled
High
0
1
CLK-IN1 Disabled
Low
Disabled
High
1
0
CLK-IN0 Enabled
Enabled
1
1
CLK-IN1 Enabled
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20