| 전자부품 데이터시트 검색엔진 |
|
PL138-48OI-R 데이터시트(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PL138-48OI-R 데이터시트(HTML) 10 Page - Microchip Technology |
|
10 / 20 page ![]() PL138-48 DS20005543B-page 10 2016 Microchip Technology Inc. 5.0 APPLICATION INFORMATION 5.1 Input Logic Configurations The following circuits show different configurations for different input logic type signals. For good signal integrity at the PL138 input, the signals need to be properly terminated according to the logic type requirements. The signals need to be presented at the PL138 input according to VCMR, VPP, and other input requirements. FIGURE 5-1: CLK-IN Input Driven by a 3.3V LVPECL Driver. FIGURE 5-2: 3.3V LVPECL Driver, Alternative Termination. FIGURE 5-3: CLK-IN Input Driven by a CML Driver. FIGURE 5-4: CLK-IN Input Driven by an SSTL Driver. FIGURE 5-5: CLK-IN Input Driven by an LVDS Driver. FIGURE 5-6: LVDS Driver, Alternative AC-Coupling. This circuit is for compatibility only. AC-coupling is not really required for LVDS. The VCMR range of the PL138 reaches low enough that LVDS signals can be connected directly to the PL138 input like in the circuit in Figure 5-5. FIGURE 5-7: CLK-IN Input Driven by a CMOS Driver. |