전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PL138-48OI-R 데이터시트(PDF) 8 Page - Microchip Technology

부품명 PL138-48OI-R
상세설명  2.5V to 3.3V, Low-Skew, 1:4 Differential PECL Fanout Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL138-48OI-R 데이터시트(HTML) 8 Page - Microchip Technology

Back Button PL138-48OI-R Datasheet HTML 4Page - Microchip Technology PL138-48OI-R Datasheet HTML 5Page - Microchip Technology PL138-48OI-R Datasheet HTML 6Page - Microchip Technology PL138-48OI-R Datasheet HTML 7Page - Microchip Technology PL138-48OI-R Datasheet HTML 8Page - Microchip Technology PL138-48OI-R Datasheet HTML 9Page - Microchip Technology PL138-48OI-R Datasheet HTML 10Page - Microchip Technology PL138-48OI-R Datasheet HTML 11Page - Microchip Technology PL138-48OI-R Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
PL138-48
DS20005543B-page 8
 2016 Microchip Technology Inc.
3.0
NOISE CHARACTERISTICS
When a buffer is used to pass a signal, the buffer adds a little bit of its own noise. The phase noise on the output of the
buffer will be a little bit more than the phase noise of the input signal. To quantify the noise addition in the buffer we
compare the Phase Jitter numbers from the input and the output. The difference is called "Additive Phase Jitter". The
formula for the Additive Phase Jitter is as follows:
EQUATION 3-1:
FIGURE 3-1:
PL138-48 Additive Phase Jitter Plot, 622 MHz.
TABLE 3-1:
PL138-48 NOISE CHARACTERISTICS
Parameters
Symbol
Min.
Typ.
Max.
Units Conditions
Additive Phase Jitter
tAPJ
—20
40
fs
VDD = 3.3V, Frequency = 622.08 MHz
Offset = 12 kHz ~ 20 MHz
—50
100
VDD = 3.3V, Frequency = 156.25 MHz
Offset = 12 kHz ~ 20 MHz
—50
100
VDD = 3.3V, Frequency = 50 MHz
Offset = 1 kHz ~ 1 MHz
—50
100
VDD = 3.3V, Frequency = 25 MHz
Offset = 1 kHz ~ 1 MHz
AdditivePhaseJitter
OutputPhaseJitter
2
InputPhaseJitter
2
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20