전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGAP1S 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 STGAP1S
상세설명  gapDRIVE™: galvanically isolated single gate driver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1S 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button STGAP1S Datasheet HTML 6Page - STMicroelectronics STGAP1S Datasheet HTML 7Page - STMicroelectronics STGAP1S Datasheet HTML 8Page - STMicroelectronics STGAP1S Datasheet HTML 9Page - STMicroelectronics STGAP1S Datasheet HTML 10Page - STMicroelectronics STGAP1S Datasheet HTML 11Page - STMicroelectronics STGAP1S Datasheet HTML 12Page - STMicroelectronics STGAP1S Datasheet HTML 13Page - STMicroelectronics STGAP1S Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
Pin connection
STGAP1S
10/67
DocID027190 Rev 3
14, 23
VL
Power supply
Negative supply voltage or ground
13
GNDISO
Ground
High voltage section (isolated) ground
16
SENSE
Analog input
Sense input for overcurrent protection
24
ASC
Analog input
Asynchronous stop command
Table 1. Pin description (continued)
Pin no.
Pin name
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67