전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPC564A80B4 데이터시트(PDF) 63 Page - STMicroelectronics

부품명 SPC564A80B4
상세설명  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80B4 데이터시트(HTML) 63 Page - STMicroelectronics

Back Button SPC564A80B4 Datasheet HTML 59Page - STMicroelectronics SPC564A80B4 Datasheet HTML 60Page - STMicroelectronics SPC564A80B4 Datasheet HTML 61Page - STMicroelectronics SPC564A80B4 Datasheet HTML 62Page - STMicroelectronics SPC564A80B4 Datasheet HTML 63Page - STMicroelectronics SPC564A80B4 Datasheet HTML 64Page - STMicroelectronics SPC564A80B4 Datasheet HTML 65Page - STMicroelectronics SPC564A80B4 Datasheet HTML 66Page - STMicroelectronics SPC564A80B4 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 157 page
background image
ETPUA18
DSPI_D_PCS[3]
RCH4_A
GPIO[132]
eTPU A channel
DSPI D peripheral chip select
Reaction channel 4A
GPIO
P
A1
A2
G
001
010
100
000
132
I/O
O
O
I/O
VDDEH1
Slow
— /
WKPCFG
— /
WKPCFG
37
H4
F4
ETPUA19
DSPI_D_PCS[4]
RCH5_A
GPIO[133]
eTPU A channel
DSPI D peripheral chip select
Reaction channel 5A
GPIO
P
A1
A2
G
001
010
100
000
133
I/O
O
O
I/O
VDDEH1
Slow
— /
WKPCFG
— /
WKPCFG
36
J2
G2
ETPUA20
IRQ[8]
RCH0_B
FR_A_TX
GPIO[134]
eTPU A channel
External interrupt request
Reaction channel 0B
Flexray TX data channel A
GPIO
P
A1
A2
A3
G
0001
0010
0100
1000
0000
134
I/O
I
O
O
I/O
VDDEH1
Slow
— /
WKPCFG
— /
WKPCFG
35
J1
G1
ETPUA21
IRQ[9]
RCH0_C
FR_A_RX
GPIO[135]
eTPU A channel
External interrupt request
Reaction channel 0C
Flexray RX channel A
GPIO
P
A1
A2
A3
G
0001
0010
0100
1000
0000
135
I/O
I
O
I
I/O
VDDEH1
Slow
— /
WKPCFG
— /
WKPCFG
34
G4
E4
ETPUA22
IRQ[10]
ETPUA17_O(8)
GPIO[136]
eTPU A channel
External interrupt request
eTPU A channel (output only)
GPIO
P
A1
A2
G
001
010
100
000
136
I/O
I
O
I/O
VDDEH1
Slow
— /
WKPCFG
— /
WKPCFG
32
H2
F2
ETPUA23
IRQ[11]
ETPUA21_O(8)
FR_A_TX_EN
GPIO[137]
eTPU A channel
External interrupt request
eTPU A channel (output only)
Flexray ch. A TX enable
GPIO
P
A1
A2
A3
G
0001
0010
0100
1000
0000
137
I/O
I
O
O
I/O
VDDEH1
Slow
— /
WKPCFG
— /
WKPCFG
30
H1
F1
Table 4.
SPC564A80 signal properties (continued)
Name
Function(1)
P
A
G(2)
PCR
PA
Field
(3)
PCR
(4)
I/O
Type
Voltage(5) /
Pad Type(6)
Status(7)
Package pin #
During Reset
After
Reset
176
208
324



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com