전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPC564A80B4 데이터시트(PDF) 74 Page - STMicroelectronics

부품명 SPC564A80B4
상세설명  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80B4 데이터시트(HTML) 74 Page - STMicroelectronics

Back Button SPC564A80B4 Datasheet HTML 70Page - STMicroelectronics SPC564A80B4 Datasheet HTML 71Page - STMicroelectronics SPC564A80B4 Datasheet HTML 72Page - STMicroelectronics SPC564A80B4 Datasheet HTML 73Page - STMicroelectronics SPC564A80B4 Datasheet HTML 74Page - STMicroelectronics SPC564A80B4 Datasheet HTML 75Page - STMicroelectronics SPC564A80B4 Datasheet HTML 76Page - STMicroelectronics SPC564A80B4 Datasheet HTML 77Page - STMicroelectronics SPC564A80B4 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 157 page
background image
Pinout and signal description
SPC564A74L7, SPC564A80B4, SPC564A80L7
74/157
Doc ID 15399 Rev 9
DSPI_C_SCK_LVDS-
DSPI_C_SCK_LVDS+
DSPI
LVDS pair used for DSPI_C TSB mode transmission
DSPI_C_SOUT_LVDS-
DSPI_C_SOUT_LVDS+
DSPI
LVDS pair used for DSPI_C TSB mode transmission
PCS_B[0]
PCS_C[0]
PCS_D[0]
DSPI_B - DSPI_D
Peripheral chip select when device is in master mode—slave
select when used in slave mode
PCS_B[1:5]
PCS_C[1:5]
PCS_D[1:5]
DSPI_B - DSPI_D
Peripheral chip select when device is in master mode—not
used in slave mode
SCK_B
SCK_C
SCK_D
DSPI_B - DSPI_D
DSPI clock—output when device is in master mode; input when
in slave mode
SIN_B
SIN_C
SIN_D
DSPI_B - DSPI_D
DSPI data in
SOUT_B
SOUT_C
SOUT_D
DSPI_B - DSPI_D
DSPI data out
ADDR[10:31]
EBI
The ADDR[10:31] signals specify the physical address of the
bus transaction.
The 26 address lines correspond to bits 3-31 of the EBI’s 32-bit
internal address bus.
ADDR[15:31] can be used as Address and Data signals when
configured appropriately for a multiplexed external bus. This
allows 32-bit data operations, or 16-bit data operations without
using DATA[0:15] signals.
ALE
EBI
The Address Latch Enable (ALE) signal is used to demultiplex
the address from the data bus. It is asserted while the least
significant 16 bits of the address are present in the multiplexed
address/data bus.
BDIP
EBI
BDIP is asserted to indicate that the master is requesting
another data beat following the current one.
CS[0:3]
EBI
CSx is asserted by the master to indicate that this transaction is
targeted for a particular memory bank on the Primary external
bus.
DATA[0:31]
EBI
The DATA[0:31] signals contain the data to be transferred for
the current transaction.
OE
EBI
OE is used to indicate when an external memory is permitted to
drive back read data. External memories must have their data
output buffers off when OE is negated. OE is only asserted for
chip-select accesses.
Table 6.
Signal details (continued)
Signal
Module or Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com