전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPC564A80B4 데이터시트(PDF) 85 Page - STMicroelectronics

부품명 SPC564A80B4
상세설명  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80B4 데이터시트(HTML) 85 Page - STMicroelectronics

Back Button SPC564A80B4 Datasheet HTML 81Page - STMicroelectronics SPC564A80B4 Datasheet HTML 82Page - STMicroelectronics SPC564A80B4 Datasheet HTML 83Page - STMicroelectronics SPC564A80B4 Datasheet HTML 84Page - STMicroelectronics SPC564A80B4 Datasheet HTML 85Page - STMicroelectronics SPC564A80B4 Datasheet HTML 86Page - STMicroelectronics SPC564A80B4 Datasheet HTML 87Page - STMicroelectronics SPC564A80B4 Datasheet HTML 88Page - STMicroelectronics SPC564A80B4 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 157 page
background image
SPC564A74L7, SPC564A80B4, SPC564A80L7
Electrical characteristics
Doc ID 15399 Rev 9
85/157
3.3.1
General notes for specifications at maximum junction temperature
An estimation of the chip junction temperature, TJ, can be obtained from the equation:
Equation 1 TJ = TA + (RJA * PD)
where:
TA = ambient temperature for the package (
oC)
RJA = junction-to-ambient thermal resistance (
oC/W)
PD = power dissipation in the package (W)
The thermal resistance values used are based on the JEDEC JESD51 series of standards
to provide consistent values for estimations and comparisons. The difference between the
values determined for the single-layer (1s) board compared to a four-layer board that has
two signal layers, a power and a ground plane (2s2p), demonstrate that the effective thermal
resistance is not a constant. The thermal resistance depends on the:
●
Construction of the application board (number of planes)
●
Effective size of the board which cools the component
●
Quality of the thermal and electrical connections to the planes
●
Power dissipated by adjacent components
Connect all the ground and power balls to the respective planes with one via per ball. Using
fewer vias to connect the package to the planes reduces the thermal performance. Thinner
planes also reduce the thermal performance. When the clearance between the vias leave
the planes virtually disconnected, the thermal performance is also greatly reduced.
Table 12.
Thermal characteristics for 324-pin PBGA(1)
Symbol
C
Parameter
Conditions
Value
Unit
RJA
CC
D Junction-to-Ambient, Natural Convection(2)
Single layer board - 1s
31
°C/W
RJA
CC
D Junction-to-Ambient, Natural Convection(2)
Four layer board - 2s2p
23
°C/W
RJMA
CC
D Junction-to-Moving-Air, Ambient(2)
at 200 ft./min., single
layer board
23
°C/W
RJMA
CC
D Junction-to-Moving-Air, Ambient(2)
at 200 ft./min., four layer
board 2s2p
17
°C/W
RJB
CC
D Junction-to-Board(3)
11
°C/W
RJCtop
CC
D Junction-to-Case(4)
7°C/W
JT
CC
D
Junction-to-Package Top, Natural
Convection(5)
2°C/W
1.
Thermal characteristics are targets based on simulation that are subject to change per device characterization.
2.
Junction-to-Ambient Thermal Resistance determined per JEDEC JESD51-3 and JESD51-6. Thermal test board meets
JEDEC specification for this package.
3.
Junction-to-Board thermal resistance determined per JEDEC JESD51-8. Thermal test board meets JEDEC specification
for the specified package.
4.
Junction-to-Case at the top of the package determined using MIL-STD 883 Method 1012.1. The cold plate temperature is
used for the case temperature. Reported value includes the thermal resistance of the interface layer.
5.
Thermal characterization parameter indicating the temperature difference between the package top and the junction
temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is written
as Psi-JT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com