전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPC564A80B4 데이터시트(PDF) 77 Page - STMicroelectronics

부품명 SPC564A80B4
상세설명  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80B4 데이터시트(HTML) 77 Page - STMicroelectronics

Back Button SPC564A80B4 Datasheet HTML 73Page - STMicroelectronics SPC564A80B4 Datasheet HTML 74Page - STMicroelectronics SPC564A80B4 Datasheet HTML 75Page - STMicroelectronics SPC564A80B4 Datasheet HTML 76Page - STMicroelectronics SPC564A80B4 Datasheet HTML 77Page - STMicroelectronics SPC564A80B4 Datasheet HTML 78Page - STMicroelectronics SPC564A80B4 Datasheet HTML 79Page - STMicroelectronics SPC564A80B4 Datasheet HTML 80Page - STMicroelectronics SPC564A80B4 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 157 page
background image
SPC564A74L7, SPC564A80B4, SPC564A80L7
Pinout and signal description
Doc ID 15399 Rev 9
77/157
BOOTCFG[0:1]
SIU - Configuration
Two BOOTCFG signals are implemented in SPC564A80
MCUs.
The BAM program uses the BOOTCFG0 bit to determine
where to read the reset configuration word, and whether to
initiate a FlexCAN or eSCI boot.
The BOOTCFG1 pin is sampled during the assertion of the
RSTOUT signal, and the value is used to update the RSR and
the BAM boot mode
See the SPC564A80 Microcontroller Reference Manual for
more information.
The following values are for BOOTCFG[0:1}:
00:Boot from internal flash memory
01:FlexCAN/eSCI boot
10:Boot from external memory using EBI
11:Reserved
Note: For the 176-pin QFP and 208-ball BGA packages
BOOTCFG[0] is always 0 since the EBI interface is not
available.
WKPCFG
SIU - Configuration
The WKPCFG pin is applied at the assertion of the internal
reset signal (assertion of RSTOUT), and is sampled 4 clock
cycles before the negation of the RSTOUT pin.
The value is used to configure whether the eTPU and eMIOS
pins are connected to internal weak pull up or weak pull down
devices after reset. The value latched on the WKPCFG pin at
reset is stored in the Reset Status Register (RSR), and is
updated for all reset sources except the Debug Port Reset and
Software External Reset.
0:Weak pulldown applied to eTPU and eMIOS pins at reset
1:Weak pullup applied to eTPU and eMIOS pins at reset.
ETRIG[2:3]
SIU - eQADC Triggers
External signal eTRIGx triggers eQADC CFIFOx
GPIO[206] ETRIG0
(Input)
SIU - eQADC Triggers
External signal eTRIGx triggers eQADC CFIFOx
GPIO[207] ETRIG1
(Input)
SIU - eQADC Triggers
External signal eTRIGx triggers eQADC CFIFOx
Table 6.
Signal details (continued)
Signal
Module or Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com