전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPC564A80B4 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 SPC564A80B4
상세설명  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80B4 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button SPC564A80B4 Datasheet HTML 8Page - STMicroelectronics SPC564A80B4 Datasheet HTML 9Page - STMicroelectronics SPC564A80B4 Datasheet HTML 10Page - STMicroelectronics SPC564A80B4 Datasheet HTML 11Page - STMicroelectronics SPC564A80B4 Datasheet HTML 12Page - STMicroelectronics SPC564A80B4 Datasheet HTML 13Page - STMicroelectronics SPC564A80B4 Datasheet HTML 14Page - STMicroelectronics SPC564A80B4 Datasheet HTML 15Page - STMicroelectronics SPC564A80B4 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 157 page
background image
Introduction
SPC564A74L7, SPC564A80B4, SPC564A80L7
12/157
Doc ID 15399 Rev 9
●
Development Trigger Semaphore (DTS)
–
Register of semaphores (32-bits) and an identification register
–
Used as part of a triggered data acquisition protocol
–
EVTO pin is used to communicate to the external tool
●
Clock generation
–
On-chip 4–40 MHz main oscillator
–
On-chip FMPLL (frequency-modulated phase-locked loop)
●
Up to 120 general purpose I/O lines
–
Individually programmable as input, output or special function
–
Programmable threshold (hysteresis)
●
Power reduction mode: slow, stop and stand-by modes
●
Flexible supply scheme
–
5 V single supply with external ballast
–
Multiple external supply: 5 V, 3.3 V and 1.2 V
●
Packages
–LQFP176
–
LBGA208
–
PBGA324
–
Known Good Die (KGD)
–
496-pin CSP (calibration tool only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com