전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPC564A80B4 데이터시트(PDF) 69 Page - STMicroelectronics

부품명 SPC564A80B4
상세설명  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80B4 데이터시트(HTML) 69 Page - STMicroelectronics

Back Button SPC564A80B4 Datasheet HTML 65Page - STMicroelectronics SPC564A80B4 Datasheet HTML 66Page - STMicroelectronics SPC564A80B4 Datasheet HTML 67Page - STMicroelectronics SPC564A80B4 Datasheet HTML 68Page - STMicroelectronics SPC564A80B4 Datasheet HTML 69Page - STMicroelectronics SPC564A80B4 Datasheet HTML 70Page - STMicroelectronics SPC564A80B4 Datasheet HTML 71Page - STMicroelectronics SPC564A80B4 Datasheet HTML 72Page - STMicroelectronics SPC564A80B4 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 157 page
background image
VDD
Core supply for input or
decoupling
—
—
I
1.2 V
I / —
VDD
33,
45,
62,
103,
132,
149,
176
B1, B16,
C2, D3,
E4, N5,
P4, P13,
R3, R14,
T2, T15
A2, A20, B3,
C4, C22, D5,
V19, W5,
W20, Y4, Y21,
AA3, AA22,
AB2
VDDE12
External supply input for
calibration bus interfaces
—
—
I
1.8 V - 3.3 V
I / —
VDDE12
—
—
—
VDDE2(23)
External supply input for EBI
interfaces
—
—
I
1.8 V - 3.3 V
I / —
VDDE2(24)
——
M9, M10, N11,
P11, W6, W8,
Y5, AA4, AA6,
AA10, AB3
VDDE5
External supply input for
ENGCLK, CLKOUT and EBI
signals DATA[0:15]
—
—
I
1.8 V - 3.3 V
I / —
VDDE5
—
T13
W17, Y18,
AA19, AB20
VDDE-EH
External supply for EBI interfaces
—
—
I
3.0 V - 5 V
I / —
VDDE-EH
—
—
R3, W2
VDDEH1A(25)
I/O Supply Input
—
—
I
3.3 V - 5.0 V
I / —
VDDEH1A(25)
31
—
—
VDDEH1B(25)
I/O Supply Input
—
—
I
3.3 V - 5.0 V
I / —
VDDEH1B(25)
41
—
—
VDDEH1AB(25)
I/O Supply Input
—
—
I
3.3 V - 5.0 V
I / —
VDDEH1AB(25)
—K4
H4
VDDEH4(26)
I/O Supply Input
—
—
I
3.3 V - 5.0 V
I / —
VDDEH4(26)
——
—
VDDEH4A(26)
I/O Supply Input
—
—
I
3.3 V - 5.0 V
I / —
VDDEH4A(26)
55
—
—
VDDEH4B(26)
I/O Supply Input
—
—
I
3.3 V - 5.0 V
I / —
VDDEH4B(26)
74
—
—
Table 4.
SPC564A80 signal properties (continued)
Name
Function(1)
P
A
G(2)
PCR
PA
Field
(3)
PCR
(4)
I/O
Type
Voltage(5) /
Pad Type(6)
Status(7)
Package pin #
During Reset
After
Reset
176
208
324



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com