| 전자부품 데이터시트 검색엔진 |
|
SPC564A80L7 데이터시트(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC564A80L7 데이터시트(HTML) 55 Page - STMicroelectronics |
|
55 / 157 page ![]() DSPI_A_SOUT(17) DSPI_C_PCS[5] GPIO[95] — DSPI C peripheral chip select GPIO — A1 G — 10 00 95 — O I/O VDDEH7 Medium — / Up — / Up — — L20 DSPI_A_PCS[0](17) DSPI_D_PCS[2] GPIO[96] — DSPI D peripheral chip select GPIO — A1 G — 10 00 96 — O I/O VDDEH7 Medium — / Up — / Up — — M20 DSPI_A_PCS[1](17) DSPI_B_PCS[2] GPIO[97] — DSPI B peripheral chip select GPIO — A1 G — 10 00 97 — O I/O VDDEH7 Medium — / Up — / Up — — M19 CS[2] DSPI_D_SCK GPIO[98] — SPI clock pin for DSPI module GPIO — A1 G — 10 00 98 — I/O I/O VDDEH7 Medium — / Up — / Up 141 J15 M21 CS[3] DSPI_D_SIN GPIO[99] — DSPI D data input GPIO — A1 G — 10 00 99 — I I/O VDDEH7 Medium — / Up — / Up 142 H13 K19 DSPI_A_PCS[4](17) DSPI_D_SOUT GPIO[100] — DSPI D data output GPIO — A1 G — 10 00 100 O I/O VDDEH7 Medium — / Up — / Up — — N19 DSPI_A_PCS[5](17) DSPI_B_PCS[3] GPIO[101] — DSPI B peripheral chip select GPIO — A1 G — 10 00 101 O I/O VDDEH7 Medium — / Up — / Up — — N21 DSPI_B_SCK DSPI_C_PCS[1] GPIO[102] SPI clock pin for DSPI module DSPI C peripheral chip select GPIO P A1 G 01 10 00 102 I/O O I/O VDDEH6 Medium — / Up — / Up 106 J16 K21 DSPI_B_SIN DSPI_C_PCS[2] GPIO[103] DSPI B data input DSPI C peripheral chip select GPIO P A1 G 01 10 00 103 I O I/O VDDEH6 Medium — / Up — / Up 112 G15 H22 Table 4. SPC564A80 signal properties (continued) Name Function(1) P A G(2) PCR PA Field (3) PCR (4) I/O Type Voltage(5) / Pad Type(6) Status(7) Package pin # During Reset After Reset 176 208 324 |