| 전자부품 데이터시트 검색엔진 |
|
STM8L151X6 데이터시트(PDF) 72 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L151X6 데이터시트(HTML) 72 Page - STMicroelectronics |
|
72 / 146 page ![]() Electrical parameters STM8L151x6/8 STM8L152x6/8 72/146 DocID17943 Rev 10 VPVD0 PVD threshold 0 Falling edge 1.80 1.84 1.88 V Rising edge 1.88 1.94 1.99 VPVD1 PVD threshold 1 Falling edge 1.98 2.04 2.09 Rising edge 2.08 2.14 2.18 VPVD2 PVD threshold 2 Falling edge 2.2 2.24 2.28 Rising edge 2.28 2.34 2.38 VPVD3 PVD threshold 3 Falling edge 2.39 2.44 2.48 Rising edge 2.47 2.54 2.58 VPVD4 PVD threshold 4 Falling edge 2.57 2.64 2.69 Rising edge 2.68 2.74 2.79 VPVD5 PVD threshold 5 Falling edge 2.77 2.83 2.88 Rising edge 2.87 2.94 2.99 VPVD6 PVD threshold 6 Falling edge 2.97 3.05 3.09 Rising edge 3.08 3.15 3.20 Vhyst Hysteresis voltage BOR0 threshold - 40 - mV All BOR and PVD thresholds excepting BOR0 - 100 - 1. Data guaranteed by design. 2. Data based on characterization results. Table 19. Embedded reset and power control block characteristics (continued) Symbol Parameter Conditions Min. Typ. Max. Unit |