전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM8L151X6 데이터시트(PDF) 32 Page - STMicroelectronics

부품명 STM8L151X6
상세설명  Operating conditions
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151X6 데이터시트(HTML) 32 Page - STMicroelectronics

Back Button STM8L151X6 Datasheet HTML 28Page - STMicroelectronics STM8L151X6 Datasheet HTML 29Page - STMicroelectronics STM8L151X6 Datasheet HTML 30Page - STMicroelectronics STM8L151X6 Datasheet HTML 31Page - STMicroelectronics STM8L151X6 Datasheet HTML 32Page - STMicroelectronics STM8L151X6 Datasheet HTML 33Page - STMicroelectronics STM8L151X6 Datasheet HTML 34Page - STMicroelectronics STM8L151X6 Datasheet HTML 35Page - STMicroelectronics STM8L151X6 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 146 page
background image
Pin description
STM8L151x6/8 STM8L152x6/8
32/146
DocID17943 Rev 10
70 58
-
-
PC3/USART1_TX/
LCD_SEG23(3)/ ADC1_IN5/
[COMP2_INM] /
[COMP1_INP]
I/O FT(6) X
XX HS X
X Port C3
USART1 transmit /
LCD segment 23 /
ADC1_IN5 /
[Comparator 2 negative
input] /[Comparator 1
input positive]
71 59
-
-
PC4/USART1_CK/
I2C1_SMB/ [CCO](2)/
LCD_SEG24(3)/
ADC1_IN4/[COMP2_INM]
/[COMP1_INP]
I/O FT(6) X
XX HS X
X Port C4
USART1 synchronous
clock / I2C1_SMB /
[Configurable clock
output] / LCD segment
24 / ADC1_IN4 /
[Comparator 2 negative
input] / [Comparator 1
positive input]
--
43 C2
PC4/USART1_CK/
I2C1_SMB/[CCO](2)/
LCD_SEG24(3)/ADC1_IN4/
[COMP2_INM] /
[COMP1_INP] /
[LCD_COM4]
I/O FT(6) X
XX HS X
X Port C4
USART1 synchronous
clock / I2C1_SMB /
[Configurable clock
output] / LCD segment
24 / ADC1_IN4 /
[Comparator 2 negative
input] / [Comparator 1
positive input] /
[LCD_COM4](3)
72 60 44 A3
PC5/OSC32_IN
/[SPI1_NSS](2)/
[USART1_TX](2)
I/O FT(6) X
XX HS X
X Port C5
LSE oscillator input /
[SPI1 master/slave
select] / [USART1
transmit]
73 61 45 B3
PC6/OSC32_OUT/
[SPI1_SCK](2)/
[USART1_RX](2)
I/O FT(6) X
XX HS X
X Port C6
LSE oscillator output /
[SPI1 clock] / [USART1
receive]
74 62
-
-
PC7/LCD_SEG25(3)/
ADC1_IN3/[COMP2_INM]
/ [COMP1_INP]
I/O FT(6) X
XX HS X
X Port C7
LCD segment 25
/ADC1_IN3/
[Comparator 2 negative
input] / [Comparator 1
positive input]
Table 5. High-density and medium+ density STM8L15x pin description (continued)
Pin number
Pin name
Input
Output
Default alternate
function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More