| 전자부품 데이터시트 검색엔진 |
|
STM8L151X6 데이터시트(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L151X6 데이터시트(HTML) 35 Page - STMicroelectronics |
|
35 / 146 page ![]() DocID17943 Rev 10 35/146 STM8L151x6/8 STM8L152x6/8 Pin description 62 62 50 - - PG5/LCD_SEG33/ SPI2_SCK I/O FT(6) X XX HS X X Port G5 LCD segment 33 / SPI2 clock 63 51 - - PG6/LCD_SEG34/ SPI2_MOSI I/O FT(6) X XX HS X X Port G6 LCD segment 34 / SPI2 master out- slave in 64 52 - - PG7/LCD_SEG35/ SPI2_MISO I/O FT(6) X XX HS X X Port G7 LCD segment 35 / SPI2 master in- slave out 23 19 14 -(4) PE0/LCD_SEG1(3)/ TIM5_CH2 I/O FT(6) X XX HS X X Port E0 LCD segment 1/ Timer 5 channel 2 24 20 15 -(4) PE1/TIM1_CH2N /LCD_SEG2(3) I/O FT(6) X XX HS X X Port E1 Timer 1 - inverted channel 2 / LCD segment 2 25 21 16 -(4) PE2/TIM1_CH3N /LCD_SEG3(3)/ [CCO](2) I/O FT(6) X XX HS X X Port E2 Timer 1 - inverted channel 3 / LCD segment 3 / [Configurable clock output] 26 - - - PE3/LCD_SEG4(3) I/O FT(6) X XX HS X X Port E3 LCD segment 4 -22 17 H2 PE3/LCD_SEG4(3)/ USART2_RX I/O FT(6) X XX HS X X Port E3 LCD segment 4/ USART2 receive 27 - - - PE4/LCD_SEG5(3)/ DAC_TRIG1 I/O FT(6) X XX HS X X Port E4 LCD segment 5/ DAC 1 trigger -23 18 H3 PE4/LCD_SEG5(3)/ DAC_TRIG2/USART2_TX I/O FT(6) X XX HS X X Port E4 LCD segment 5/ DAC 2 trigger/ USART2 transmit 28 - - - PE5/LCD_SEG6(3)/ ADC1_IN23/[COMP1_INP]/ [COMP2_INP] I/O FT(6) X XX HS X X Port E5 LCD segment 6 / ADC1_IN23/ [Comparator 1 positive input] /[Comparator 2 positive input] -24 19 -(4) PE5/LCD_SEG6(3)/ ADC1_IN23/[COMP1_INP]/ [COMP2_INP] / USART2_CK I/O FT(6) X XX HS X X Port E5 LCD segment 6 / ADC1_IN23/ [Comparator 1 positive input] / [Comparator 2 positive input] /USART2 synchronous clock Table 5. High-density and medium+ density STM8L15x pin description (continued) Pin number Pin name Input Output Default alternate function |