| 전자부품 데이터시트 검색엔진 |
|
STM8L151X6 데이터시트(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L151X6 데이터시트(HTML) 34 Page - STMicroelectronics |
|
34 / 146 page ![]() Pin description STM8L151x6/8 STM8L152x6/8 34/146 DocID17943 Rev 10 58 46 - - PD5/TIM1_CH3 /LCD_SEG19(3)/ ADC1_IN9/ [COMP1_INP] I/O FT(6) X XX HS X X Port D5 Timer 1 - channel 3 / LCD segment 19 / ADC1_IN9/ [Comparator 1 positive input] -- 34 -(4) PD5/TIM1_CH3 /LCD_SEG19(3)/ ADC1_IN9/SPI2_MOSI/ [COMP1_INP] I/O FT(6) X XX HS X X Port D5 Timer 1 - channel 3 / LCD segment 19 / ADC1_IN9/ SPI2 master out/slave in/ [Comparator 1 positive input] 59 47 - - PD6/TIM1_BKIN /LCD_SEG20(3)/ ADC1_IN8/RTC_CALIB/ [COMP1_INP]/VREFINT I/O FT(6) X XX HS X X Port D6 Timer 1 - break input / LCD segment 20 / ADC1_IN8 / RTC calibration/[Comparator 1 positive input]/Internal reference voltage output -- 35 -(4) PD6/TIM1_BKIN /LCD_SEG20(3)/ ADC1_IN8/RTC_CALIB/ SPI2_SCK/[COMP1_INP]/ VREFINT I/O FT(6) X XX HS X X Port D6 Timer 1 - break input / LCD segment 20 / ADC1_IN8 / RTC calibration/SPI2 clock/ [Comparator 1 positive input]/Internal reference voltage output 60 48 - - PD7/TIM1_CH1N /LCD_SEG21(3)/ ADC1_IN7/RTC_ALARM/ [COMP1_INP]/VREFINT I/O FT(6) X XX HS X X Port D7 Timer 1 - inverted channel 1/ LCD segment 21 / ADC1_IN7 / RTC alarm/[Comparator 1 positive input]/Internal reference voltage output -- 36 -(4) PD7/TIM1_CH1N /LCD_SEG21(3)/ ADC1_IN7/RTC_ALARM /SPI2_NSS/[COMP1_INP]/ VREFINT I/O FT(6) X XX HS X X Port D7 Timer 1 - inverted channel 1/ LCD segment 21 / ADC1_IN7 / RTC alarm /SPI2 master/slave select/[Comparator 1 positive input]/Internal reference voltage output 61 49 - - PG4/LCD_SEG32/ SPI2_NSS I/O FT(6) X XX HS X X Port G4 LCD segment 32 / SPI2 master/slave select Table 5. High-density and medium+ density STM8L15x pin description (continued) Pin number Pin name Input Output Default alternate function |