전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM8L151X6 데이터시트(PDF) 33 Page - STMicroelectronics

부품명 STM8L151X6
상세설명  Operating conditions
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151X6 데이터시트(HTML) 33 Page - STMicroelectronics

Back Button STM8L151X6 Datasheet HTML 29Page - STMicroelectronics STM8L151X6 Datasheet HTML 30Page - STMicroelectronics STM8L151X6 Datasheet HTML 31Page - STMicroelectronics STM8L151X6 Datasheet HTML 32Page - STMicroelectronics STM8L151X6 Datasheet HTML 33Page - STMicroelectronics STM8L151X6 Datasheet HTML 34Page - STMicroelectronics STM8L151X6 Datasheet HTML 35Page - STMicroelectronics STM8L151X6 Datasheet HTML 36Page - STMicroelectronics STM8L151X6 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 146 page
background image
DocID17943 Rev 10
33/146
STM8L151x6/8 STM8L152x6/8
Pin description
62
--
46 -(4)
PC7/LCD_SEG25(3)/
ADC1_IN3/USART3_CK/
[COMP2_INM] /
[COMP1_INP] /
[LCD_COM5]
I/O FT(6) X
XX HS X
X Port C7
LCD segment 25
/ADC1_IN3/ USART3
synchronous clock/
[Comparator 2 negative
input] / [Comparator 1
positive input]/
[LCD_COM5](3)
29 25 20 G3
PD0/TIM3_CH2/
[ADC1_TRIG](2)/
LCD_SEG7(3)/ADC1_IN22/
[COMP2_INP]
I/O FT(6) X
XX HS X
X Port D0
Timer 3 - channel 2 /
[ADC1_Trigger] / LCD
segment 7 / ADC1_IN22
/ [Comparator 2 positive
input]
30 26 21 G2
PD1/TIM3_ETR/
LCD_COM3(3)/ADC1_IN21/
[COMP1_INP]//
[COMP2_INP]
I/O FT(6) X
XX HS X
X Port D1
Timer 3 - trigger /
LCD_COM3 /
ADC1_IN21 /
[Comparator 1 positive
input] /[Comparator 2
positive input]
31 27 22 E4
PD2/TIM1_CH1
/LCD_SEG8(3)/ADC1_IN20/
[COMP1_INP]
I/O FT(6) X
XX HS X
X Port D2
Timer 1 - channel 1 /
LCD segment 8 /
ADC1_IN20/
[Comparator 1 positive
input]
32 28 23 F3
PD3/ TIM1_ETR/
LCD_SEG9(3)/
ADC1_IN19/
[COMP1_INP]
I/O FT(6) X
XX HS X
X Port D3
Timer 1 - trigger /
LCD segment 9 /
ADC1_IN19/
[Comparator 1 positive
input]
57 45
-
-
PD4/TIM1_CH2
/LCD_SEG18(3)/
ADC1_IN10/
[COMP1_INP]
I/O FT(6) X
XX HS X
X Port D4
Timer 1 - channel 2 /
LCD segment 18 /
ADC1_IN10/
[Comparator 1 positive
input]
--
33 C1
PD4/TIM1_CH2
/LCD_SEG18(3)/
ADC1_IN10/SPI2_MISO/
[COMP1_INP]
I/O FT(6) X
XX HS X
X Port D4
Timer 1 - channel 2 /
LCD segment 18 /
ADC1_IN10/SPI2
master in/slave out/
[Comparator 1 positive
input]
Table 5. High-density and medium+ density STM8L15x pin description (continued)
Pin number
Pin name
Input
Output
Default alternate
function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More