| 전자부품 데이터시트 검색엔진 |
|
STM32L471RG 데이터시트(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L471RG 데이터시트(HTML) 61 Page - STMicroelectronics |
|
61 / 218 page ![]() DocID027226 Rev 1 61/218 STM32L471xx Pinouts and pin description 90 14 23 L2 34 PA0 I/O FT_a - TIM2_CH1, TIM5_CH1, TIM8_ETR, USART2_CTS, UART4_TX, SAI1_EXTCLK, TIM2_ETR, EVENTOUT OPAMP1_VINP, ADC12_IN5, RTC_TAMP2/WKUP1 -- M3 - OPAMP1_VINM I TT - - - 15 24 M2 35 PA1 I/O FT_a - TIM2_CH2, TIM5_CH2, USART2_RTS_DE, UART4_RX, TIM15_CH1N, EVENTOUT OPAMP1_VINM, ADC12_IN6 16 25 K3 36 PA2 I/O FT_a - TIM2_CH3, TIM5_CH3, USART2_TX, SAI2_EXTCLK, TIM15_CH1, EVENTOUT ADC12_IN7, WKUP4/LSCO 17 26 L3 37 PA3 I/O TT - TIM2_CH4, TIM5_CH4, USART2_RX, TIM15_CH2, EVENTOUT OPAMP1_ VOUT, ADC12_IN8 18 27 E3 38 VSS S - - - - 19 28 H3 39 VDD S - - - - 20 29 J4 40 PA4 I/O TT_a - SPI1_NSS, SPI3_NSS, USART2_CK, SAI1_FS_B, LPTIM2_OUT, EVENTOUT ADC12_IN9, DAC1_OUT1 21 30 K4 41 PA5 I/O TT_a - TIM2_CH1, TIM2_ETR, TIM8_CH1N, SPI1_SCK, LPTIM2_ETR, EVENTOUT ADC12_IN10, DAC1_OUT2 22 31 L4 42 PA6 I/O FT_a - TIM1_BKIN, TIM3_CH1, TIM8_BKIN, SPI1_MISO, USART3_CTS, QUADSPI_BK1_IO3, TIM1_BKIN_COMP2, TIM8_BKIN_COMP2, TIM16_CH1, EVENTOUT OPAMP2_VINP, ADC12_IN11 -- M4 - OPAMP2_VINM I TT - - - 23 32 J5 43 PA7 I/O FT_a - TIM1_CH1N, TIM3_CH2, TIM8_CH1N, SPI1_MOSI, QUADSPI_BK1_IO2, TIM17_CH1, EVENTOUT OPAMP2_VINM, ADC12_IN12 24 33 K5 44 PC4 I/O FT_a - USART3_TX, EVENTOUT COMP1_INM, ADC12_IN13 Table 15. STM32L471xx pin definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |