| 전자부품 데이터시트 검색엔진 |
|
STM32L471RG 데이터시트(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L471RG 데이터시트(HTML) 62 Page - STMicroelectronics |
|
62 / 218 page ![]() Pinouts and pin description STM32L471xx 62/218 DocID027226 Rev 1 25 34 L5 45 PC5 I/O FT_a - USART3_RX, EVENTOUT COMP1_INP, ADC12_IN14, WKUP5 26 35 M5 46 PB0 I/O TT_a - TIM1_CH2N, TIM3_CH3, TIM8_CH2N, USART3_CK, QUADSPI_BK1_IO1, COMP1_OUT, EVENTOUT OPAMP2_ VOUT, ADC12_IN15 27 36 M6 47 PB1 I/O FT_a - TIM1_CH3N, TIM3_CH4, TIM8_CH3N, DFSDM_DATIN0, USART3_RTS_DE, QUADSPI_BK1_IO0, LPTIM2_IN1, EVENTOUT COMP1_INM, ADC12_IN16 28 37 L6 48 PB2 I/O FT_a - RTC_OUT, LPTIM1_OUT, I2C3_SMBA, DFSDM_CKIN0, EVENTOUT COMP1_INP - - K6 49 PF11 I/O FT - EVENTOUT - - - J7 50 PF12 I/O FT - FMC_A6, EVENTOUT - - - - 51 VSS S - - - - -- - 52 VDD S - - - - - - K7 53 PF13 I/O FT - DFSDM_DATIN6, FMC_A7, EVENTOUT - - - J8 54 PF14 I/O FT - DFSDM_CKIN6, TSC_G8_IO1, FMC_A8, EVENTOUT - - - J9 55 PF15 I/O FT - TSC_G8_IO2, FMC_A9, EVENTOUT - - - H9 56 PG0 I/O FT - TSC_G8_IO3, FMC_A10, EVENTOUT - - - G9 57 PG1 I/O FT - TSC_G8_IO4, FMC_A11, EVENTOUT - - 38 M7 58 PE7 I/O FT - TIM1_ETR, DFSDM_DATIN2, FMC_D4, SAI1_SD_B, EVENTOUT - - 39 L7 59 PE8 I/O FT - TIM1_CH1N, DFSDM_CKIN2, FMC_D5, SAI1_SCK_B, EVENTOUT - Table 15. STM32L471xx pin definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |