| 전자부품 데이터시트 검색엔진 |
|
STM32L471RG 데이터시트(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L471RG 데이터시트(HTML) 66 Page - STMicroelectronics |
|
66 / 218 page ![]() Pinouts and pin description STM32L471xx 66/218 DocID027226 Rev 1 - - E9 90 PG5 I/O FT_s - SPI1_NSS, LPUART1_CTS, FMC_A15, SAI2_SD_B, EVENTOUT - - - G4 91 PG6 I/O FT_s - I2C3_SMBA, LPUART1_RTS_DE, EVENTOUT - - - H4 92 PG7 I/O FT_fs - I2C3_SCL, LPUART1_TX, FMC_INT3, EVENTOUT - - - J6 93 PG8 I/O FT_fs - I2C3_SDA, LPUART1_RX, EVENTOUT - - - - 94 VSS S - - - - - - - 95 VDDIO2 S - - - - 37 63 E12 96 PC6 I/O FT - TIM3_CH1, TIM8_CH1, DFSDM_CKIN3, TSC_G4_IO1, SDMMC1_D6, SAI2_MCLK_A, EVENTOUT - 38 64 E11 97 PC7 I/O FT - TIM3_CH2, TIM8_CH2, DFSDM_DATIN3, TSC_G4_IO2, SDMMC1_D7, SAI2_MCLK_B, EVENTOUT - 39 65 E10 98 PC8 I/O FT - TIM3_CH3, TIM8_CH3, TSC_G4_IO3, SDMMC1_D0, EVENTOUT - 40 66 D12 99 PC9 I/O FT - TIM8_BKIN2, TIM3_CH4, TIM8_CH4, TSC_G4_IO4, SDMMC1_D1, SAI2_EXTCLK, TIM8_BKIN2_COMP1, EVENTOUT - 41 67 D11 100 PA8 I/O FT - MCO, TIM1_CH1, USART1_CK, LPTIM2_OUT, EVENTOUT - 42 68 D10 101 PA9 I/O FT - TIM1_CH2, USART1_TX, TIM15_BKIN, EVENTOUT 43 69 C12 102 PA10 I/O FT - TIM1_CH3, USART1_RX TIM17_BKIN, EVENTOUT - Table 15. STM32L471xx pin definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |