| 전자부품 데이터시트 검색엔진 |
|
STM32L471RG 데이터시트(PDF) 69 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L471RG 데이터시트(HTML) 69 Page - STMicroelectronics |
|
69 / 218 page ![]() DocID027226 Rev 1 69/218 STM32L471xx Pinouts and pin description 90 - - D7 127 PG12 I/O FT_s - LPTIM1_ETR, SPI3_NSS, USART1_RTS_DE, FMC_NE4, SAI2_SD_A, EVENTOUT - - - C7 128 PG13 I/O FT_fs - I2C1_SDA, USART1_CK, FMC_A24, EVENTOUT - - - C6 129 PG14 I/O FT_fs - I2C1_SCL, FMC_A25, EVENTOUT - - - F7 130 VSS S - - - - - - G7 131 VDDIO2 S - - - - - - K1 132 PG15 I/O FT_s - LPTIM1_OUT, I2C1_SMBA, EVENTOUT - 55 89 A8 133 PB3 (JTDO- TRACESWO) I/O FT_a (3) JTDO-TRACESWO, TIM2_CH2, SPI1_SCK, SPI3_SCK, USART1_RTS_DE, SAI1_SCK_B, EVENTOUT COMP2_INM 56 90 A7 134 PB4 (NJTRST) I/O FT_a (3) NJTRST, TIM3_CH1, SPI1_MISO, SPI3_MISO, USART1_CTS, UART5_RTS_DE, TSC_G2_IO1, SAI1_MCLK_B, TIM17_BKIN, EVENTOUT COMP2_INP 57 91 C5 135 PB5 I/O FT_a - LPTIM1_IN1, TIM3_CH2, I2C1_SMBA, SPI1_MOSI, SPI3_MOSI, USART1_CK, UART5_CTS, TSC_G2_IO2, COMP2_OUT, SAI1_SD_B, TIM16_BKIN, EVENTOUT - 58 92 B5 136 PB6 I/O FT_fa - LPTIM1_ETR, TIM4_CH1, TIM8_BKIN2, I2C1_SCL, DFSDM_DATIN5, USART1_TX, TSC_G2_IO3, TIM8_BKIN2_COMP2, SAI1_FS_B, TIM16_CH1N, EVENTOUT COMP2_INP Table 15. STM32L471xx pin definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |