| 전자부품 데이터시트 검색엔진 |
|
MAS3587F 데이터시트(PDF) 30 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
MAS3587F 데이터시트(HTML) 30 Page - Micronas |
|
30 / 82 page ![]() MAS 3587F ADVANCE INFORMATION 30 Micronas 3.3.1.12. Clear SYNC Signal (Code 5hex) After the successful decoding of an MPEG frame the signal at pin SYNC rises and thus generates an interrupt event for the microcontroller. Issuing this command lets the signal at pin SYNC return to ’0’. 3.3.1.13. Default Read The Default Read command is the fastest way to get information from the MAS 3587F. Executing the Default Read in a polling loop can be used to detect a special state during decoding. The Default Read command immediately returns the lower 16 bit content of a specific RAM location as defined by the pointer D0:ffb. The pointer must be loaded before the first Default Read action occurs. If the MSB of the pointer is set, the pointer refers to a memory location in D1 rather than to one in D0. Example: For watching D1:123 the pointer D0:ffb must be loaded with 8123hex: <DW 68 e0 00 write to D0 memory 00 01 1 word to write 0f fb start address ffb 00 08 value = 8... 01 23> ...0123hex Now Default Read commands can be issued as often as desired: <DW 69 <DR 'HIDXOW5HDG command dd dd> 16 bit content of the address as defined by the pointer <DW 69 <DR dd dd> ... and do it again S DW A W $68 A W 5,0 A 0,0 A W P S DW A W $69 A W S DR A W d3,d2 A N d1,d0 W P |