| 전자부품 데이터시트 검색엔진 |
|
MAS3587F 데이터시트(PDF) 42 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
MAS3587F 데이터시트(HTML) 42 Page - Micronas |
|
42 / 82 page ![]() MAS 3587F ADVANCE INFORMATION 42 Micronas 3.4. Audio Codec Access Protocol The MAS 3587F has 16-bit wide registers for the control of the audio codec. These registers are accessed via the I2C subaddresses codec_write (6Chex) and codec_read (6Dhex). 3.4.1. Write Codec Register The controller writes the 16-bit value (d = d3,d2,d1,d0) into the MAS 3587F codec register (r = r3,r2,r1,r0). A list of registers is given in Table 3–12. Example: Writing the value 1234hex into the codec register with the number 00 1Bhex: <DW 6c 00 1b 12 34> 3.4.2. Read Codec Register Reading the codec registers also needs a set-up for the register address and an additional start condition during the actual read cycle. A list of registers is given in Table 3–13. S DW A W $6C A r3,r2 A P A r1,r0 d3,d2 A A d1,d0 S DW A W $6C A r3,r2 AP A r1,r0 1) send command S DW A W $6D A DR P A d3,d2 A d1,d0 2) get register value W N S |