| 전자부품 데이터시트 검색엔진 |
|
HT67F488 데이터시트(PDF) 60 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT67F488 데이터시트(HTML) 60 Page - Holtek Semiconductor Inc |
|
60 / 171 page ![]() Rev. 1.60 60 �ove��e� ��� �016 HT67F488/HT67F489 TinyPowerTM A/D Flash MCU with LCD & EEPROM I/O Pin Structures TheaccompanyingdiagramsillustratetheinternalstructuresofsomegenericI/Opintypes.As theexactlogicalconstructionoftheI/Opinwilldifferfromthesedrawings,theyaresuppliedasa guideonlytoassistwiththefunctionalunderstandingoftheI/Opins.Thewiderangeofpin-shared structuresdoesnotpermitalltypestobeshown. V DD M U X Wa ke - up Op ti on S yst em W ak e- up R ead Da ta R egi st er D Q CK S D Q CK S Co nt ro l Bi t Da ta B us Wr it e C ont ro l Re gi st er Ch ip R es et Re ad C on tr ol R eg is te r Wr it e Da ta R egi st er Da ta B it I/O o r Pi n- sh ar ed p in Q Q We ak Pu ll- up Pu ll- Hi gh Op ti on PA on ly M U X I npu t S i gnal f or P in -s har ed Fu nc ti on Ou tp u t O pt io n Generic Input/Output Structure V DD M U X Re ad D at a R egi st er Co nt ro l Bi t Da ta B us Wr it e C ont ro l R egi st er Ch ip R es et Re ad C on tr ol R egi st er Wr it e Da ta R eg is te r Da ta B it A/ D I npu t Po rt AC S4 ~A CS 0 To A /D C onv er te r We ak Pu ll -u p An al og In put Se le ct or D Q CK S Q D Q CK S Q Pu ll- Hi gh Re gi st er Se le ct A/D Input/Output Structure |