전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GPF 데이터시트(PDF) 37 Page - Cypress Semiconductor

부품명 MB90F548GPF
상세설명  CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F548GPF 데이터시트(HTML) 37 Page - Cypress Semiconductor

Back Button MB90F548GPF Datasheet HTML 33Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 34Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 35Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 36Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 37Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 38Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 39Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 40Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 41Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
Document Number: 002- 07696 Rev. *A
Page 37 of 70
MB90540G/545G Series
11. Electrical Characteristics
11.1 Absolute Maximum Ratings
(VSS
AV
SS
0.0 V)
*1 : AVCC, AVRH, AVRL should not exceed VCC. Also, AVRH, AVRL should not exceed AVCC, and AVRL does not exceed AVRH.
*2 : VI and VO should not exceed VCC
0.3 V. However if the maximum current to/from an input is limited by some means with
external components, the ICLAMP rating supercedes the VI rating.
*3 : The maximum output current is a peak value for a corresponding pin.
*4 : Average output current is an average current value observed for a 100 ms period for a corresponding pin.
*5 : Total average current is an average current value observed for a 100 ms period for all corresponding pins.
*6 :
❐ Applicable to pins : P00 to P07, P10 to P17, P20 to P27, P30 to P37, P40 to P47, P50 to P57, P60 to P67, P70 to P77, P80
to P87, P90 to P97, PA0
❐ Use within recommended operating conditions.
❐ Use at DC voltage (current) .
❐ The
B signal should always be applied with a limiting resistance placed between the B signal and the microcontroller.
❐ The value of the limiting resistance should be set so that when the
B signal is applied the input current to the microcontroller
pin does not exceed rated values, either instantaneously or for prolonged periods.
❐ Note that when the microcontroller drive current is low, such as in the power saving modes, the
B input potential may pass
through the protective diode and increase the potential at the VCC pin, and this may affect other devices.
❐ Note that if a
B signal is input when the microcontroller current is off (not fixed at 0 V) , the power supply is provided from the
pins, so that incomplete operation may result.
❐ Note that if the
B input is applied during power-on, the power supply is provided from the pins and the resulting supply volt-
age may not be sufficient to operate the power-on result.
❐ Care must be taken not to leave the
B input pin open.
Parameter
Symbol
Value
Units
Remarks
Min
Max
Power supply voltage
VCC
VSS
0.3
VSS
6.0
V
AVCC
VSS
0.3
VSS
6.0
V
VCC
AV
CC
*1
AVRH, AVRL
VSS
0.3
VSS
6.0
V
AVCC
AVRH/AVRL, AVRH
AVRL
*1
Input voltage
VI
VSS
0.3
VSS
6.0
V
*2
Output voltage
VO
VSS
0.3
VSS
6.0
V
*2
Maximum clamp current
ICLAMP
2.0
2.0
mA
*6
Total maximum clamp current
| ICLAMP |
20
mA
*6
“L” level max output current
IOL
15
mA
*3
“L” level avg. output current
IOLAV
4mA
*4
“L” level max overall output current
IOL
100
mA
“L” level avg. overall output current
IOLAV
50
mA
*5
“H” level max output current
IOH
15
mA
*3
“H” level avg. output current
IOHAV
4mA
*4
“H” level max overall output current
IOH
100
mA
“H” level avg. overall output current
IOHAV
50
mA
*5
Power consumption
PD
500
mW
Flash device
400
mW
MASK ROM
Operating temperature
TA
40
105
C
Storage temperature
TSTG
55
150
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com