전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GPF 데이터시트(PDF) 24 Page - Cypress Semiconductor

부품명 MB90F548GPF
상세설명  CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F548GPF 데이터시트(HTML) 24 Page - Cypress Semiconductor

Back Button MB90F548GPF Datasheet HTML 20Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 21Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 22Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 23Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 24Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 25Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 26Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 27Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 28Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 70 page
background image
Document Number: 002- 07696 Rev. *A
Page 24 of 70
MB90540G/545G Series
(Continued)
Address
Register
Abbreviation
Access
Resource name
Initial value
24H
Serial mode register 1
SMR1
R/W
UART1
0 0 0 0 0 0 0 0B
25H
Serial control register 1
SCR1
R/W
0 0 0 0 0 1 0 0B
26H
Serial input data register 1/
Serial output data register 1
SIDR1/SODR1
R/W
XXXXXXXXB
27H
Serial status register 1
SSR1
R/W
0 0 0 0 1_0 0B
28H
UART1 prescaler control register
CDCR
R/W
0_ _ _1 1 1 1B
29H
Serial Edge select register
SES1
R/W
_ _ _ _ _ _ _0B
2AH
Prohibited
2BH
Serial I/O prescaler
SCDCR
R/W
Extended I/O
Serial Interface
0_ _ _1 1 1 1B
2CH
Serial mode control register
SMCS
R/W
_ _ _ _0 0 0 0B
2DH
Serial mode control register
SMCS
R/W
0 0 0 0 0 0 1 0B
2EH
Serial data register
SDR
R/W
XXXXXXXXB
2FH
Serial Edge select register
SES2
R/W
_ _ _ _ _ _ _0B
30H
External interrupt enable register
ENIR
R/W
External Interrupt
0 0 0 0 0 0 0 0B
31H
External interrupt request register
EIRR
R/W
XXXXXXXXB
32H
External interrupt level register
ELVR
R/W
0 0 0 0 0 0 0 0B
33H
External interrupt level register
ELVR
R/W
0 0 0 0 0 0 0 0B
34H
A/D control status register 0
ADCS0
R/W
A/D Converter
0 0 0 0 0 0 0 0B
35H
A/D control status register 1
ADCS1
R/W
0 0 0 0 0 0 0 0B
36H
A/D data register 0
ADCR0
R
XXXXXXXXB
37H
A/D data register 1
ADCR1
R/W
0 0 0 0 1 _ XXB
38H
PPG0 operation mode control register
PPGC0
R/W
16-bit Programmable
Pulse
Generator 0/1
0 _ 0 0 0 _ _ 1B
39H
PPG1 operation mode control register
PPGC1
R/W
0 _ 0 0 0 0 0 1B
3AH
PPG0/1 clock selection register
PPG01
R/W
0 0 0 0 0 0 _ _B
3BH
Prohibited
3CH
PPG2 operation mode control register
PPGC2
R/W
16-bit Programmable
Pulse
Generator 2/3
0 _ 0 0 0 _ _1B
3DH
PPG3 operation mode control register
PPGC3
R/W
0 _ 0 0 0 0 0 1B
3EH
PPG2/3 Clock Selection Register
PPG23
R/W
0 0 0 0 0 0 _ _B
3FH
Prohibited
40H
PPG4 operation mode control register
PPGC4
R/W
16-bit Programmable
Pulse
Generator 4/5
0 _ 0 0 0 _ _ 1B
41H
PPG5 operation mode control register
PPGC5
R/W
0 _ 0 0 0 0 0 1B
42H
PPG4/5 clock selection register
PPG45
R/W
0 0 0 0 0 0 _ _B
43H
Prohibited
44H
PPG6 operation mode control register
PPGC6
R/W
16-bit Programmable
Pulse
Generator 6/7
0 _ 0 0 0 _ _ 1B
45H
PPG7 operation mode control register
PPGC7
R/W
0 _ 0 0 0 0 0 1B
46H
PPG6/7 clock selection register
PPG67
R/W
0 0 0 0 0 0 _ _B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com