전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GPF 데이터시트(PDF) 11 Page - Cypress Semiconductor

부품명 MB90F548GPF
상세설명  CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F548GPF 데이터시트(HTML) 11 Page - Cypress Semiconductor

Back Button MB90F548GPF Datasheet HTML 7Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 8Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 9Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 10Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 11Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 12Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 13Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 14Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
Document Number: 002- 07696 Rev. *A
Page 11 of 70
MB90540G/545G Series
(Continued)
Pin No.
Pin name
Circuit type
Function
LQFP*2
QFP*1
20
22
P44
G
General I/O port. This function is enabled when UART1 disables the clock
output.
SCK1
Serial clock pulse I/O pin for UART1. This function is enabled when UART1
enables the serial clock output.
22
24
P45
G
General I/O port. This function is enabled when UART1 disables the serial
data output.
SOT1
Serial data output pin for UART1. This function is enabled when UART1
enables the serial data output.
23
25
P46
G
General I/O port. This function is enabled when the Extended I/O serial
interface disables the serial data output.
SOT2
Serial data output pin for the Extended I/O serial interface. This function is
enabled when the Extended I/O serial interface enables the serial data output.
24
26
P47
G
General I/O port. This function is enabled when the Extended I/O serial
interface disables the clock output.
SCK2
Serial clock pulse I/O pin for the Extended I/O serial interface . This function is
enabled when the Extended I/O serial interface enables the Serial clock
output.
26
28
P50
D
General I/O port. This function is always enabled.
SIN2
Serial data input pin for the Extended I/O serial interface . Set the
corresponding Port Direction Register to input if this function is used.
27 to 30
29 to 32
P51 to P54
D
General I/O port. This function is always enabled.
INT4 to INT7
External interrupt request input pins for INT4 to INT7. Set the corresponding
Port Direction Register to input if this function is used.
31
33
P55
D
General I/O port. This function is always enabled.
ADTG
Trigger input pin for the A/D converter. Set the corresponding Port Direction
Register to input if this function is used.
36 to 39
38 to 41
P60 to P63
E
General I/O port. This function is enabled when the analog input enable
register specifies a port.
AN0 to AN3
Analog input pins for the 8/10-bit A/D converter. This function is enabled when
the analog input enable register specifies A/D.
41 to 44
43 to 46
P64 to P67
E
General I/O port. The function is enabled when the analog input enable
register specifies a port.
AN4 to AN7
Analog input pins for the 8/10-bit A/D converter. This function is enabled when
the analog input enable register specifies A/D.
45
47
P56
D
General I/O port. This function is always enabled.
TIN0
Event input pin for the 16-bit reload timers 0. Set the corresponding Port
Direction Register to input if this function is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com