전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GPF 데이터시트(PDF) 51 Page - Cypress Semiconductor

부품명 MB90F548GPF
상세설명  CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F548GPF 데이터시트(HTML) 51 Page - Cypress Semiconductor

Back Button MB90F548GPF Datasheet HTML 47Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 48Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 49Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 50Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 51Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 52Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 53Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 54Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 55Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 70 page
background image
Document Number: 002- 07696 Rev. *A
Page 51 of 70
MB90540G/545G Series
11.4.6 Bus Timing (Write)
(MB90543G(S)/547G(S)/548G(S)/F548GL(S): VCC
3.5 V to 5.5 V, V
SS
AV
SS
0.0 V, T
A
  40 C to 105 C)
(Other than MB90543G(S)/547G(S)/548G(S)/F548GL(S): VCC
5.0 V 10, V
SS
AV
SS
0.0 V, T
A
  40 C to 105 C)
Parameter
Symbol
Pin name
Condition
Value
Units
Remarks
Min
Max
Valid address
 WR time
tAVWL
A16 to A23 AD00
to AD15, WR
tCP
15
ns
WR pulse width
tWLWH
WR
3 tCP/2
20
ns
Valid data output
 WR time
tDVWH
AD00 to AD15,
WR
3 tCP/2
20
ns
WR
  Data hold time
tWHDX
AD00 to AD15,
WR
20
ns
WR
  Address valid time
tWHAX
A16 to A23, WR
tCP/2
10
ns
WR
  ALE time
tWHLH
WR, ALE
tCP/2
15
ns
WR
  CLK time
tWLCH
WR, CLK
tCP/2
20
ns
0.8 V
0.8 V
2.4 V
2.4 V
2.4 V
2.4 V
0.8 V
2.4 V
0.8 V
2.4 V
0.8 V
2.4 V
0.8 V
2.4 V
CLK
ALE
WR (WRL, WRH)
A16 to A23
AD00 to AD15
tWHLH
tAVWL
tWLWH
tWHAX
tWHDX
tWLCH
tDVWH
Address
Write data
 Bus Timing (Write)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com