전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GPF 데이터시트(PDF) 25 Page - Cypress Semiconductor

부품명 MB90F548GPF
상세설명  CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F548GPF 데이터시트(HTML) 25 Page - Cypress Semiconductor

Back Button MB90F548GPF Datasheet HTML 21Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 22Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 23Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 24Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 25Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 26Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 27Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 28Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 29Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 70 page
background image
Document Number: 002- 07696 Rev. *A
Page 25 of 70
MB90540G/545G Series
(Continued)
Address
Register
Abbreviation
Access
Resource name
Initial value
47H to 4BH
Prohibited
4CH
Input capture control status register 0/1
ICS01
R/W
Input Capture 0/1
0 0 0 0 0 0 0 0B
4DH
Input capture control status register 2/3
ICS23
R/W
Input Capture 2/3
0 0 0 0 0 0 0 0B
4EH
Input capture control status register 4/5
ICS45
R/W
Input Capture 4/5
0 0 0 0 0 0 0 0B
4FH
Input capture control status register 6/7
ICS67
R/W
Input Capture 6/7
0 0 0 0 0 0 0 0B
50H
Timer control status register 0
TMCSR0
R/W
16-bit Reload Timer 0
0 0 0 0 0 0 0 0B
51H
Timer control status register 0
TMCSR0
R/W
_ _ _ _ 0 0 0 0B
52H
Timer register 0/reload register 0
TMR0/TMRLR0
R/W
XXXXXXXXB
53H
Timer register 0/reload register 0
TMR0/TMRLR0
R/W
XXXXXXXXB
54H
Timer control status register 1
TMCSR1
R/W
16-bit Reload Timer 1
0 0 0 0 0 0 0 0B
55H
Timer control status register 1
TMCSR1
R/W
_ _ _ _ 0 0 0 0B
56H
Timer register 1/reload register 1
TMR1/TMRLR1
R/W
XXXXXXXXB
57H
Timer register 1/reload register 1
TMR1/TMRLR1
R/W
XXXXXXXXB
58H
Output compare control status register 0
OCS0
R/W
Output Compare 0/1
0 0 0 0 _ _ 0 0B
59H
Output compare control status register 1
OCS1
R/W
_ _ _0 0 0 0 0B
5AH
Output compare control status register 2
OCS2
R/W
Output Compare 2/3
0 0 0 0 _ _ 0 0B
5BH
Output compare control status register 3
OCS3
R/W
_ _ _ 0 0 0 0 0B
5CH to 6BH
Prohibited
6CH
Timer Data register
TCDT
R/W
I/O Timer
0 0 0 0 0 0 0 0B
6DH
Timer Data register
TCDT
R/W
0 0 0 0 0 0 0 0B
6EH
Timer Control register
TCCS
R/W
0 0 0 0 0 0 0 0B
6FH
ROM mirror function
selection register
ROMM
R/W
ROM Mirror
_ _ _ _ _ _ _ 1B
70H to 7FH
Reserved for CAN 0 Interface.
80H to 8FH
Reserved for CAN 1 Interface.
90H to 9DH
Prohibited
9EH
Program address detection
control status register
PACSR
R/W
Address Match
Detection
Function
0 0 0 0 0 0 0 0B
9FH
Delayed interrupt/release register
DIRR
R/W
Delayed Interrupt
_ _ _ _ _ _ _ 0B
A0H
Low-power mode control register
LPMCR
R/W
Low Power
Controller
0 0 0 1 1 0 0 0B
A1H
Clock selection register
CKSCR
R/W
Low Power
Controller
1 1 1 1 1 1 0 0B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com