전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GPF 데이터시트(PDF) 58 Page - Cypress Semiconductor

부품명 MB90F548GPF
상세설명  CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F548GPF 데이터시트(HTML) 58 Page - Cypress Semiconductor

Back Button MB90F548GPF Datasheet HTML 54Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 55Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 56Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 57Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 58Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 59Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 60Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 61Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 62Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 70 page
background image
Document Number: 002- 07696 Rev. *A
Page 58 of 70
MB90540G/545G Series
11.5.2 A/D Converter Glossary
Resolution :
Analog changes that are identifiable with the A/D converter
Linearity error :
The deviation of the straight line connecting the zero transition point (“00 0000 0000”
 “00 0000
0001”) with the full-scale transition point (“11 1111 1110” “11 1111 1111”) from actual conversion
characteristics
Differential linearity error : The deviation of input voltage needed to change the output code by 1 LSB from the theoretical value
Total error :
The total error is defined as a difference between the actual value and the theoretical value, which
includes zero-transition error/full-scale transition error and linearity error.
(Continued)
3FF
3FE
3FD
004
003
002
001
AVRL
AVRH
VNT
0.5 LSB
0.5 LSB
{1 LSB
× (N − 1) + 0.5 LSB}
Analog input
Total error
Actual conversion
Value
Actual conversion
characteristics
(measured value)
Theoretical
characteristics
[V]
AVRH
AVRL
1024
1 LSB
(Theoretical value)
VOT (Theoretical value)
AVRL 0.5 LSB [V]
VFST (Theoretical value)
AVRH 1.5 LSB [V]
Total error for digital output N
[LSB]
VNT
{1 LSB (N 1) 0.5 LSB}
1 LSB
VNT : Voltage at a transition of digital output from (N
1) to N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com