전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GPF 데이터시트(PDF) 26 Page - Cypress Semiconductor

부품명 MB90F548GPF
상세설명  CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F548GPF 데이터시트(HTML) 26 Page - Cypress Semiconductor

Back Button MB90F548GPF Datasheet HTML 22Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 23Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 24Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 25Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 26Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 27Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 28Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 29Page - Cypress Semiconductor MB90F548GPF Datasheet HTML 30Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 70 page
background image
Document Number: 002- 07696 Rev. *A
Page 26 of 70
MB90540G/545G Series
(Continued)
Address
Register
Abbreviation
Access
Resource name
Initial value
A2H to A4H
Prohibited
A5H
Automatic ready function select register
ARSR
W
External Memory
Access
0 0 1 1 _ _ 0 0B
A6H
External address output control register
HACR
W
0 0 0 0 0 0 0 0B
A7H
Bus control signal selection register
ECSR
W
0 0 0 0 0 0 0 _B
A8H
Watchdog Timer control register
WDTC
R/W
Watchdog Timer
XXXXX 1 1 1B
A9H
Time Base Timer Control register
TBTC
R/W
Time Base Timer
1 - - 0 0 1 0 0B
AAH
Watch timer control register
WTC
R/W
Watch Timer
1 X 0 0 0 0 0 0B
ABH to ADH
Prohibited
AEH
Flash memory control status register
(Flash only, otherwise reserved)
FMCS
R/W
Flash Memory
0 0 0 X 0 0 0 0B
AFH
Prohibited
B0H
Interrupt control register 00
ICR00
R/W
Interrupt
controller
0 0 0 0 0 1 1 1B
B1H
Interrupt control register 01
ICR01
R/W
0 0 0 0 0 1 1 1B
B2H
Interrupt control register 02
ICR02
R/W
0 0 0 0 0 1 1 1B
B3H
Interrupt control register 03
ICR03
R/W
0 0 0 0 0 1 1 1B
B4H
Interrupt control register 04
ICR04
R/W
0 0 0 0 0 1 1 1B
B5H
Interrupt control register 05
ICR05
R/W
0 0 0 0 0 1 1 1B
B6H
Interrupt control register 06
ICR06
R/W
0 0 0 0 0 1 1 1B
B7H
Interrupt control register 07
ICR07
R/W
0 0 0 0 0 1 1 1B
B8H
Interrupt control register 08
ICR08
R/W
0 0 0 0 0 1 1 1B
B9H
Interrupt control register 09
ICR09
R/W
0 0 0 0 0 1 1 1B
BAH
Interrupt control register 10
ICR10
R/W
0 0 0 0 0 1 1 1B
BBH
Interrupt control register 11
ICR11
R/W
0 0 0 0 0 1 1 1B
BCH
Interrupt control register 12
ICR12
R/W
0 0 0 0 0 1 1 1B
BDH
Interrupt control register 13
ICR13
R/W
0 0 0 0 0 1 1 1B
BEH
Interrupt control register 14
ICR14
R/W
0 0 0 0 0 1 1 1B
BFH
Interrupt control register 15
ICR15
R/W
0 0 0 0 0 1 1 1B
C0H to FFH
External
Address
Register
Abbreviation
Access
Resource name
Initial value
1FF0H
Program address detection register 0
PADR0
R/W
Address Match
Detection Function
XXXXXXXXB
1FF1H
Program address detection register 0
PADR0
R/W
XXXXXXXXB
1FF2H
Program address detection register 0
PADR0
R/W
XXXXXXXXB
1FF3H
Program address detection register 1
PADR1
R/W
XXXXXXXXB
1FF4H
Program address detection register 1
PADR1
R/W
XXXXXXXXB
1FF5H
Program address detection register 1
PADR1
R/W
XXXXXXXXB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com