| 전자부품 데이터시트 검색엔진 |
|
5228-DS09-405-R 데이터시트(PDF) 23 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
5228-DS09-405-R 데이터시트(HTML) 23 Page - Broadcom Corporation. |
|
23 / 100 page ![]() Data Sheet BCM5228 7/12/04 Broa d c om Co rp o r a t i o n Document 5228-DS09-405-R Hardware Signal Definition Table Page 11 A02 A03 B04 A04 R03 R02 T03 T02 204 203 202 201 59 58 57 56 206 205 204 203 57 56 55 54 CRS_DV{1:8} O3S Carrier Sense/Receive Data Valid. In RMII mode, CRS_DV shall be asserted by the PHY when the medium is non-idle. The data on RXD1,RXD0 is considered valid once CRS_DV is asserted. During a false carrier event, CRS_DV shall remain asserted for the duration of carrier activity. CRS_DV is not synchronized with respect to REF_CLK. D14 D15 E14 E15 F12 F13 G12 G14 H12 H13 J12 J14 K12 K13 L12 L14 151 152 147 148 141 142 137 138 129 130 125 126 119 120 115 116 151 152 147 148 141 142 137 138 129 130 125 126 119 120 115 116 RXD1{1} RXD0{1} RXD1{2} RXD0{2} RXD1{3} RXD0{3} RXD1{4} RXD0{4} RXD1{5} RXD0{5} RXD1{6} RXD0{6} RXD1{7} RXD0{7} RXD1{8} RXD0{8} O3S Receive Data Outputs. In RMII mode, RXD1,RXD0 data is output synchronous with REF_CLK. For each clock period in which CRS_DV is asserted, RXD1,RXD0 transfers 2 bits of data from the PHY. RXD1 is the most significant bit. In SMII mode, the RXD0{1:8} form the SRXD pins for each PHY. D02 D01 C02 C01 N03 M01 M02 L01 8 7 6 5 43 42 41 40 8 7 6 5 43 42 41 40 RX_ER{1:8} O3S Receive Error Detected. In RMII mode, RX_ER is asserted high for one or more REF_CLK periods to indicate that an error was detected somewhere in the frame presently being transferred from the PHY. RX_ER transitions synchronously with respect to REF_CLK. Serial Media Independent Interface (SMII) H01 23 23 SMII_EN/SLED_CLK I/OPU SMII Enable. Active high. An active high or being left unconnected during power-on reset selects the SMII mode, while an active low selects the RMII mode. Serial LED Clock. After power-on reset, if Serial or Low-Cost Serial LED mode is enabled, this pin sources the clock for serial data SLED_DO. For details, see “LED Modes” on page 29. Table 2: Pin Definitions (Cont.) BCM5228B BCM5228F BCM5228U Pin Label I/O Description |