| 전자부품 데이터시트 검색엔진 |
|
5228-DS09-405-R 데이터시트(PDF) 78 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
5228-DS09-405-R 데이터시트(HTML) 78 Page - Broadcom Corporation. |
|
78 / 100 page ![]() BCM5228 Data Sheet 7/12/04 Broa d c om Co rp o r a t i o n Page 66 Auxiliary Status 2 Register (Shadow Register) Document 5228-DS09-405-R AUXILIARY STATUS 2 REGISTER (SHADOW REGISTER) MLT3 Detected. The BCM5228 returns a 1 in this bit whenever MLT3 signaling is detected. Cable Length 100X [2:0]. The BCM5228 provides the cable length for each port when a 100TX link is established. ADC Peak Amplitude [5:0]. The BCM5228 returns the A to D converter’s 6-bit peak amplitude seen during this link. APD Enable. When in normal mode, if this bit is set to a 1, the BCM5228 enters auto power-down mode. If this bit is set and the link is lost, the BCM5228 enters low power-down mode. When energy is detected, the device enters full power mode. Otherwise, it wakes up after either 2.5 seconds or 5.0 seconds, as determined by the APD Sleep Timer bit. When the BCM5228 wakes up, it sends link pulses and also monitors energy. If the link partner’s energy is detected, the BCM5228 device continues to stay in wake-up mode for a duration determined by the APD wake-up timer before going to low power mode. APD Sleep Timer. This bit determines how long the BCM5228 stays in low power mode before waking up. If this bit is a 0, the BCM5228 device waits approximately 2.5 seconds before waking up. Otherwise, it wakes up after approximately 5.0 seconds. Table 43: Auxiliary Status 2 Register (Shadow Register 27d, 1Bh) BIt Name R/W Description Default 15 MLT3 Detected R/O 1 = MLT3 detected 0 14:12 Cable Length 100X[2:0] R/O The BCM5228 shows the cable length in 20-meter increments, as shown in Table 44. 000 11:6 ADC Peak Amplitude[5:0] R/O A to D peak amplitude seen 00h 5 APD Enable R/W 0 = Normal mode 1 = Enable auto power-down mode 0 4 APD Sleep Timer R/W 0 = 2.5-second sleep before wake up 1= 5.0-second sleep before wake up 0 3:0 APD Wake-Up Timer[3:0] R/W Duration of wake up 0001 Note: R/W = Read/Write, RO = Read Only, SC = Self Clear, LL = Latched Low, LH = Latched High, LL and LH Clear after read operation. MII Shadow register bank 1 is accessed by setting MII register 1Fh bit 7 to a 1. Table 44: Cable Length Cable Length 100x [2:0] Cable Length in Meters 000 < 20 001 20 to <40 010 40 to <60 011 60 to < 80 100 80 to < 100 101 100 to < 120 110 120 to < 140 111 > 140 |