| 전자부품 데이터시트 검색엔진 |
|
5228-DS09-405-R 데이터시트(PDF) 88 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
5228-DS09-405-R 데이터시트(HTML) 88 Page - Broadcom Corporation. |
|
88 / 100 page ![]() BCM5228 Data Sheet 7/12/04 Broa d c om Co rp o r a t i o n Page 76 Electrical Characteristics Document 5228-DS09-405-R Se ction 8: Ele c trica l Char acte r istics Table 57: Absolute Maximum Ratings Symbol Parameter Min Max Units VDD Supply voltage GND − 0.3 2.75 V VI Input voltage GND − 0.3 OVDD + 0.3 V II Input current – ±10 mA TSTG Storage temperature −40 +125 °C VESD Electrostatic discharge – 1000 V Note: These specifications indicate levels where permanent damage to the device can occur. Functional operation is not guaranteed under these conditions. Operation at absolute maximum conditions for extended periods can adversely affect long-term reliability of the device. Table 58: Recommended Operating Conditions Symbol Parameter Pins Operating Mode Min Max Units VDD Supply voltage OVDD – 2.375 3.465 V VDD Supply voltage AVDD, DVDD, PLLVDDC, BIASVDD – 2.375 2.625 V VIH High-level input voltage All digital inputs – 2.0 V VIL Low-level input voltage All digital inputs – 0.8 V SD± {1:8} 100BASE-FX 0.4 V VIDIFF Differential input voltage SD± {1:8} 100BASE-FX 150 – mV VICM Common mode input voltage RD± {1:8} 100BASE-TX 1.85 2.05 V RD± {1:8} , SD± {1:8} 100BASE-FX 1.60 1.80 V TA Ambient operating temperature –– 0 70 °C Table 59: Electrical Characteristics Symbol Parameter Pins Conditions Min Typ Max Units IDD Total supply current AVDD, DVDD 100BASE-TX – 839 892 mA OVDD 100BASE-TX – 59 76 mA VOH High-level output voltage Digital outputs IOH = −12 mA, OVDD = 3.3 V OVDD − 0.5 –– V Digital outputs IOH = −12 mA, OVDD = 2.5 V OVDD − 0.4 –– V TD± {1:8} Driving loaded magnetics module – – VDD + 1.5 V |