| 전자부품 데이터시트 검색엔진 |
|
AM186EM 데이터시트(PDF) 23 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM186EM 데이터시트(HTML) 23 Page - Advanced Micro Devices |
|
23 / 98 page ![]() Am186/188EM and Am186/188EMLV Microcontrollers 23 P R E L IMINAR Y LOGIC SYMBOL—Am186EM MICROCONTROLLER Notes: * These signals are the normal function of a pin that can be used as a PIO. See the pin descriptions beginning on page 25 and Table 2 on page 30 for information on shared function. ** All PIO signals are shared with other physical pins. X1 X2 CLKOUTA CLKOUTB A19–A0 AD15–AD0 ALE WHB WLB RD WR S2–S0 HOLD HLDA DT/R DEN ARDY SRDY TMRIN0 TMROUT0 SDEN1–SDEN0 SCLK SDATA 20 16 Clocks Address and Address/Data Buses Bus Control Timer Control Synchronous Serial Port Control RES INT4 INT3/INTA1/IRQ INT2/INTA0 INT1/SELECT INT0 NMI PCS6/A2 PCS5/A1 PCS3–PCS0 LCS/ONCE0 MCS2–MCS0 UCS/ONCE1 DRQ1–DRQ0 TXD RXD PIO32–PIO0 4 Reset Control and Interrupt Service Memory and Peripheral Control DMA Control Asynchronous Serial Port Control Programmable I/O Control 2 3 TMRIN1 TMROUT1 3 2 MCS3/RFSH S6/CLKDIV2 BHE/ADEN UZI ** * * * * * * * * * * * * * * * * * * * * * * * 32 shared |