전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM186EM 데이터시트(PDF) 72 Page - Advanced Micro Devices

부품명 AM186EM
상세설명  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM 데이터시트(HTML) 72 Page - Advanced Micro Devices

Back Button AM186EM Datasheet HTML 68Page - Advanced Micro Devices AM186EM Datasheet HTML 69Page - Advanced Micro Devices AM186EM Datasheet HTML 70Page - Advanced Micro Devices AM186EM Datasheet HTML 71Page - Advanced Micro Devices AM186EM Datasheet HTML 72Page - Advanced Micro Devices AM186EM Datasheet HTML 73Page - Advanced Micro Devices AM186EM Datasheet HTML 74Page - Advanced Micro Devices AM186EM Datasheet HTML 75Page - Advanced Micro Devices AM186EM Datasheet HTML 76Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 98 page
background image
72
Am186/188EM and Am186/188EMLV Microcontrollers
PRELIMINA R Y
SWITCHING CHARACTERISTICS over COMMERCIAL operating range
PSRAM Write Cycle (20 MHz and 25 MHz)
Notes:
All timing parameters are measured at 1.5 V with 50 pF loading on CLKOUTA unless otherwise noted. All output test conditions
are with CL = 50 pF. For switching tests, VIL = 0.45 V and VIH = 2.4 V, except at X1 where VIH = VCC – 0.5 V.
a
Equal loading on referenced pins.
b
This parameter applies to the DEN, WR, WHB, and WLB signals.
Preliminary
Parameter
20 MHz
25 MHz
No.
Symbol
Description
Min
Max
Min
Max
Unit
General Timing Responses
5
tCLAV
AD Address Valid Delay and
BHE
0
25
0
20
ns
7
tCLDV
Data Valid Delay
0
25
0
20
ns
8
tCHDX
Status Hold Time
0
0
ns
9
tCHLH
ALE Active Delay
25
20
ns
10
tLHLL
ALE Width
tCLCL–10=40
tCLCL–10=30
ns
11
tCHLL
ALE Inactive Delay
25
20
ns
23
tLHAV
ALE High to Address Valid
20
15
ns
20
tCVCTV
Control Active Delay 1(b)
0
25
0
20
ns
80
tCLCLX
LCS Inactive Delay
0
25
0
20
ns
81
tCLCSL
LCS Active Delay
0
25
0
20
ns
84
tLRLL
LCS Precharge Pulse Width
tCLCL + tCLCH
–3
tCLCL + tCLCH –
3
Write Cycle Timing Responses
30
tCLDOX
Data Hold Time
0
0
ns
31
tCVCTX
Control Inactive Delay(b)
0
25
0
20
ns
32
tWLWH
WR Pulse Width
2tCLCL–10
=90
2tCLCL–10
=70
ns
33
tWHLH
WR Inactive to ALE High(a)
tCLCH–2
tCLCH–2
ns
34
tWHDX
Data Hold after WR(a)
tCLCL–10=40
tCLCL–10=30
ns
65
tAVWL
A Address Valid to WR Low
tCLCL+tCHCL
–3
tCLCL+tCHCL
–3
ns
68
tCHAV
CLKOUTA High to A
Address Valid
0
25
0
20
ns
87
tAVBL
A Address Valid to WHB,
WLB Low
tCHCL–3
25
tCHCL–3
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com