전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM186EM 데이터시트(PDF) 80 Page - Advanced Micro Devices

부품명 AM186EM
상세설명  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM 데이터시트(HTML) 80 Page - Advanced Micro Devices

Back Button AM186EM Datasheet HTML 76Page - Advanced Micro Devices AM186EM Datasheet HTML 77Page - Advanced Micro Devices AM186EM Datasheet HTML 78Page - Advanced Micro Devices AM186EM Datasheet HTML 79Page - Advanced Micro Devices AM186EM Datasheet HTML 80Page - Advanced Micro Devices AM186EM Datasheet HTML 81Page - Advanced Micro Devices AM186EM Datasheet HTML 82Page - Advanced Micro Devices AM186EM Datasheet HTML 83Page - Advanced Micro Devices AM186EM Datasheet HTML 84Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 98 page
background image
80
Am186/188EM and Am186/188EMLV Microcontrollers
PRELIMINA R Y
Interrupt Acknowledge Cycle Waveforms
CLKOUTA
t1
t2
t3
t4
tW
S2–S0
Status
ALE
AD15–AD0*,
AD7–AD0**
INTA1–INTA0
DEN
DT/R
Ptr
Address
A19–A0
S6
S6
BHE*
8
1
2
3
4
7
9
10
11
12
15
19
20
22
22
22
68
31
(a)
(b)
(c)
(d)
S6
21
Notes:
*
Am186EM microcontroller only
** Am188EM microcontroller only
a The status bits become inactive in the state preceding t4.
b The data hold time lasts only until the interrupt acknowledge signal deasserts, even if the interrupt acknowledge
transition occurs prior to tCLDX (min).
c This parameter applies for an interrupt acknowledge cycle that follows a write cycle.
d If followed by a write cycle, this change occurs in the state preceding that write cycle.
AO15–AO8**
Address
23
BHE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98