전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM186EM 데이터시트(PDF) 86 Page - Advanced Micro Devices

부품명 AM186EM
상세설명  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM 데이터시트(HTML) 86 Page - Advanced Micro Devices

Back Button AM186EM Datasheet HTML 82Page - Advanced Micro Devices AM186EM Datasheet HTML 83Page - Advanced Micro Devices AM186EM Datasheet HTML 84Page - Advanced Micro Devices AM186EM Datasheet HTML 85Page - Advanced Micro Devices AM186EM Datasheet HTML 86Page - Advanced Micro Devices AM186EM Datasheet HTML 87Page - Advanced Micro Devices AM186EM Datasheet HTML 88Page - Advanced Micro Devices AM186EM Datasheet HTML 89Page - Advanced Micro Devices AM186EM Datasheet HTML 90Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 98 page
background image
86
Am186/188EM and Am186/188EMLV Microcontrollers
PRELIMINA R Y
Clock Waveforms—Active Mode
Clock Waveforms—Power-Save Mode
X1
X2
CLKOUTB
CLKOUTA
(Active, F=000)
36
37
39
40
42
43
46
69
70
38
44
45
X1
CLKOUTA(a)
X2
CLKOUTB(c)
CLKOUTB(b)
Notes:
a
The Clock Divisor Select (F2–F0) bits in the Power Save Control Register (PDCON) are set to 010 (divide by 4).
b
The CLKOUTB Output Frequency (CBF) bit in the Power Save Control Register (PDCON) is set to 1.
c
The CLKOUTB Output Frequency (CBF) bit in the Power Save Control Register (PDCON) is set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98