전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM186EM 데이터시트(PDF) 14 Page - Advanced Micro Devices

부품명 AM186EM
상세설명  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM 데이터시트(HTML) 14 Page - Advanced Micro Devices

Back Button AM186EM Datasheet HTML 10Page - Advanced Micro Devices AM186EM Datasheet HTML 11Page - Advanced Micro Devices AM186EM Datasheet HTML 12Page - Advanced Micro Devices AM186EM Datasheet HTML 13Page - Advanced Micro Devices AM186EM Datasheet HTML 14Page - Advanced Micro Devices AM186EM Datasheet HTML 15Page - Advanced Micro Devices AM186EM Datasheet HTML 16Page - Advanced Micro Devices AM186EM Datasheet HTML 17Page - Advanced Micro Devices AM186EM Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 98 page
background image
14
Am186/188EM and Am186/188EMLV Microcontrollers
PRELIMINA R Y
CONNECTION DIAGRAM
Am188EM Microcontroller
Top Side View—100-Pin Thin Quad Flat Pack (TQFP)
Note:
Pin 1 is marked for orientation.
AD0
1
AO8
2
AD1
3
AO9
4
AD2
5
AO10
6
AD3
7
AO11
8
AD4
9
AO12
10
AD5
11
12
AO13
13
AD6
14
15
AO14
16
AD7
17
AO15
18
19
20
TXD
21
RXD
22
SDATA
23
SDEN1
24
SDEN0
25
VCC
75
INT4
74
73
72
71
70
NMI
69
SRDY
68
HOLD
67
HLDA
66
65
64
63
A0
62
A1
61
60
A2
59
A3
58
A4
57
A5
56
A6
55
A7
54
A8
53
A9
52
A10
51
A11
VCC
GND
GND
GND
WB
DT/R
DEN
MCS0
MCS1
S6/CLKDIV2
UZI
Am188EM Microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98