전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM186EM 데이터시트(PDF) 60 Page - Advanced Micro Devices

부품명 AM186EM
상세설명  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM 데이터시트(HTML) 60 Page - Advanced Micro Devices

Back Button AM186EM Datasheet HTML 56Page - Advanced Micro Devices AM186EM Datasheet HTML 57Page - Advanced Micro Devices AM186EM Datasheet HTML 58Page - Advanced Micro Devices AM186EM Datasheet HTML 59Page - Advanced Micro Devices AM186EM Datasheet HTML 60Page - Advanced Micro Devices AM186EM Datasheet HTML 61Page - Advanced Micro Devices AM186EM Datasheet HTML 62Page - Advanced Micro Devices AM186EM Datasheet HTML 63Page - Advanced Micro Devices AM186EM Datasheet HTML 64Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 98 page
background image
60
Am186/188EM and Am186/188EMLV Microcontrollers
PRELIMINA R Y
COMMERCIAL SWITCHING CHARACTERISTICS AND WAVEFORMS
In the switching waveforms that follow, several abbre-
viations are used to indicate the specific periods of a
bus cycle. These periods are referred to as time states.
A typical bus cycle is composed of four consecutive
time states: t1, t2, t3, and t4. Wait states, which represent
multiple t3 states, are referred to as tw states. When no bus
cycle is pending, an idle (ti) state occurs.
In the switching parameter descriptions, the
multi-
plexed address is referred to as the AD address bus; the
demultiplexed address is referred to as the A address
bus.
Key to Switching Waveforms
Must be
Steady
May
Change
from H to L
May
Change
from L to H
Does Not
Apply
Don’t Care,
Any Change
Permitted
Will be
Steady
Will be
Changing
from H to L
Will be
Changing
from L to H
Changing,
State
Unknown
Center
Line is High-
Impedance
Off State
WAVEFORM
INPUT
OUTPUT
Invalid
Invalid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98